Electronic Components Datasheet Search
  English  ▼

X  

BNO055 Datasheet(PDF) 64 Page - Bosch Sensortec GmbH

Part # BNO055
Description  Intelligent 9-axis absolute orientation sensor
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BNO055 Datasheet(HTML) 64 Page - Bosch Sensortec GmbH

Back Button BNO055 Datasheet HTML 60Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 61Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 62Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 63Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 64Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 65Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 66Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 67Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 68Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 117 page
background image
BNO055
Data sheet
Page 64
BST-BNO055-DS000-18 | Revision 1.8 | October 2021
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on
to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
4.3.17 MAG_DATA_Y_LSB 0x10
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Access
r
r
r
r
r
r
r
r
Reset
0
0
0
0
0
0
0
0
Content
Magnetometer Data Y <7:0>
DATA
bits
Description
Magnetometer
Data Y <7:0>
<7:0>
Lower byte of Y axis Magnetometer data, read only
The output units can be selected using the UNIT_SEL register and data output type can be
changed by updating the Operation Mode in the OPR_MODE register, see section 3.3
4.3.18 MAG_DATA_Y_MSB 0x11
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Access
r
r
r
r
r
r
r
r
Reset
0
0
0
0
0
0
0
0
Content
Magnetometer Data Y <15:8>
DATA
bits
Description
Magnetometer
Data Y <15:8>
<7:0>
Upper byte of Y axis Magnetometer data, read only
The output units can be selected using the UNIT_SEL register and data output type can be
changed by updating the Operation Mode in the OPR_MODE register, see section 3.3
4.3.19 MAG_DATA_Z_LSB 0x12
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Access
r
r
r
r
r
r
r
r
Reset
0
0
0
0
0
0
0
0
Content
Magnetometer Data Z <7:0>
DATA
bits
Description
Magnetometer
Data Z <7:0>
<7:0>
Lower byte of Z axis Magnetometer data, read only
The output units can be selected using the UNIT_SEL register and data output type can be
changed by updating the Operation Mode in the OPR_MODE register, see section 3.3
4.3.20 MAG_DATA_Z_MSB 0x13
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Access
r
r
r
r
r
r
r
r
Reset
0
0
0
0
0
0
0
0
Content
Magnetometer Data Z <15:8>
DATA
bits
Description
Magnetometer
Data Z <15:8>
<7:0>
Upper byte of Z axis Magnetometer data, read only
The output units can be selected using the UNIT_SEL register and data output type can be
changed by updating the Operation Mode in the OPR_MODE register, see section 3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com