Electronic Components Datasheet Search
  English  ▼

X  

BNO055 Datasheet(PDF) 34 Page - Bosch Sensortec GmbH

Part # BNO055
Description  Intelligent 9-axis absolute orientation sensor
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BNO055 Datasheet(HTML) 34 Page - Bosch Sensortec GmbH

Back Button BNO055 Datasheet HTML 30Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 31Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 32Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 33Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 34Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 35Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 36Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 37Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 38Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 117 page
background image
BNO055
Data sheet
Page 34
BST-BNO055-DS000-18 | Revision 1.8 | October 2021
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on
to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Table 3-18: Magnetometer Default-Reg settings
Reg Name
Default Reg Value (Bit 0 – Bit 7)
MAG_OFFSET_X_LSB
0x00
MAG_OFFSET_X_MSB
0x00
MAG_OFFSET_Y_LSB
0x00
MAG_OFFSET_Y_MSB
0x00
MAG_OFFSET_Z_LSB
0x00
MAG_OFFSET_Z_MSB
0x00
There are 6 bytes required to configure the magnetometer offset (bytes (2 bytes for each of
the 3 axis X, Y and Z). Configuration will take place only when the user writes the last byte
(i.e., MAG_OFFSET_Z_MSB). Therefore the last byte must be written whenever the user
wants to changes the configuration. The range of the magnetometer offset is +/-6400 in LSB.
Table 3-19: Magnetometer Unit settings
Unit
Representation
µT
1 µT = 16 LSB
3.6.4.3 Gyroscope offset
The gyroscope offset can be configured in the following registers, shown in the table below
Table 3-20: Gyroscope Default Reg-settings
Reg Name
Default Reg Value (Bit 0 – Bit 7)
GYR_OFFSET_X_LSB
0x00
GYR_OFFSET_X_MSB
0x00
GYR_OFFSET_Y_LSB
0x00
GYR_OFFSET_Y_MSB
0x00
GYR_OFFSET_Z_LSB
0x00
GYR_OFFSET_Z_MSB
0x00
There are 6 bytes required to configure the gyroscope offset (bytes (2 bytes for each of the 3
axis X, Y and Z). Configuration will take place only when the user writes the last byte (i.e.,
GYR_OFFSET_Z_MSB). Therefore the last byte must be written whenever the user wants to
changes the configuration. The range of the offset for Gyroscope is +/-2000 in LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com