Electronic Components Datasheet Search
  English  ▼

X  

BNO055 Datasheet(PDF) 74 Page - Bosch Sensortec GmbH

Part # BNO055
Description  Intelligent 9-axis absolute orientation sensor
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BNO055 Datasheet(HTML) 74 Page - Bosch Sensortec GmbH

Back Button BNO055 Datasheet HTML 70Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 71Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 72Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 73Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 74Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 75Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 76Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 77Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 78Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 117 page
background image
BNO055
Data sheet
Page 74
BST-BNO055-DS000-18 | Revision 1.8 | October 2021
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on
to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
4.3.56 INT_STA 0x37
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Access
r
r
r
r
r
r
r
r
Reset
0
0
0
0
0
0
0
0
Content
ACC_NM
ACC_AM
ACC_HIG
H_G
GYR_DRD
Y6
GYR_HIG
H_RATE
GYRO_AM
MAG_DRD
Y6
ACC_BSX
_DRDY6
DATA
bits
Description
ACC_NM
7
Status of Accelerometer no motion or slow motion interrupt, read only
Read: 1 indicates interrupt triggered; 0 indicates no interrupt triggered
ACC_AM
6
Status of Accelerometer any motion interrupt, read only
Read: 1 indicates interrupt triggered; 0 indicates no interrupt triggered
ACC_HIGH_G
5
Status of Accelerometer high-g interrupt, read only
Read: 1 indicates interrupt triggered; 0 indicates no interrupt triggered
GYR_DRDY6
4
Status of gyroscope data ready interrupt, read only
Read: 1 indicates interrupt triggered; 0 indicates no interrupt triggered
GYR_HIGH_RATE
3
Status of gyroscope high rate interrupt, read only
Read: 1 indicates interrupt triggered; 0 indicates no interrupt triggered
GYRO_AM
2
Status of gyroscope any motion interrupt, read only
Read: 1 indicates interrupt triggered; 0 indicates no interrupt triggered
MAG_DRDY6
1
Status of magnetometer data ready interrupt, read only
Read: 1 indicates interrupt triggered; 0 indicates no interrupt triggered
ACC_BSX_DRDY6
0
Status of Accelerometer/BSX data ready interrupt, read only
Read: 1 indicates interrupt triggered; 0 indicates no interrupt triggered
4.3.57 SYS_CLK_STATUS 0x38
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Access
r
r
r
r
r
r
r
r
Reset
0
0
0
0
0
0
0
0
Content
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
ST_MAIN_
CLK
DATA
bits
Description
0
0
Indicates that, it is Free to configure the CLK SRC (External or Internal)
1
0
Indicates that, it is in Configuration state
4.3.58 SYS_STATUS 0x39
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Access
r
r
r
r
r
r
r
r
Reset
0
0
0
0
0
0
0
0
Content
System Status Code
DATA
bits
Description
System Status
Code
<7:0>
Read: 0 System idle,
1 System Error,
2 Initializing peripherals
3 System Initialization
4 Executing selftest,
5 Sensor fusion algorithm running,
6 System running without fusion algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com