Electronic Components Datasheet Search
  English  ▼

X  

BNO055 Datasheet(PDF) 54 Page - Bosch Sensortec GmbH

Part # BNO055
Description  Intelligent 9-axis absolute orientation sensor
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BNO055 Datasheet(HTML) 54 Page - Bosch Sensortec GmbH

Back Button BNO055 Datasheet HTML 50Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 51Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 52Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 53Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 54Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 55Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 56Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 57Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 58Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 117 page
background image
BNO055
Data sheet
Page 54
BST-BNO055-DS000-18 | Revision 1.8 | October 2021
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on
to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
4. Register description
4.1 General Remarks
The entire communication with the device is performed by reading from and writing to registers.
Registers have a width of 8 bits. There are several registers which are either completely or
partially marked as ‘reserved’. Any reserved bit is ignored when it is written and no specific
value is guaranteed when read. It is recommended not to use registers at all which are
completely marked as ‘reserved’. Furthermore it is recommended to mask out (logical and with
zero) reserved bits of registers which are partially marked as reserved.
Read-Only Registers are marked as shown in Table 4-1: Register Access Coding. Any attempt
to write to these registers is ignored.
There are bits within some registers that trigger internal sequences. These bits are configured
for write-only access and read as value ´0´.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com