Electronic Components Datasheet Search
  English  ▼

X  

BNO055 Datasheet(PDF) 24 Page - Bosch Sensortec GmbH

Part # BNO055
Description  Intelligent 9-axis absolute orientation sensor
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BNO055 Datasheet(HTML) 24 Page - Bosch Sensortec GmbH

Back Button BNO055 Datasheet HTML 20Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 21Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 22Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 23Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 24Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 25Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 26Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 27Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 28Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 117 page
background image
BNO055
Data sheet
Page 24
BST-BNO055-DS000-18 | Revision 1.8 | October 2021
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on
to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
For all Fusion modes, the sensors are configured with the default settings as defined in Table
3-7: Default sensor configuration at power-on in Chapter 3.5.1.
Note 1: The sensor fusion algorithm performs automatic background calibration of all sensors.
This feature cannot be disabled.
Note 2: The sensor fusion algorithm uses the accelerometer data to compensate for the
gyroscope drift over time. When the device is in motion, the accelerometer data is temporarily
ignored and the fusion relies on the gyroscope for pitch and roll. If the accelerometer data
cannot be used for an extended period of time (e.g. due to vibration, or to constant movement),
then this may cause the pitch and roll values to drift over time. Likewise, if the magnetometer
data is detected to be distorted, it will automatically be ignored by the algorithm and this may
cause the heading to drift over time (as in IMU mode).
Note 3: The sensor fusion algorithm was primarily designed to track human motion. If the
device is subjected to large accelerations for an extended period of time (e.g. in a vehicle
cornering at high speed or braking over a long distance), the device may incorrectly interpret
this large acceleration as the gravity vector. For applications where the sensor may be exposed
to significant velocities, it is recommended to test the device for the specific use-case.
3.3.3.1 IMU (Inertial Measurement Unit)
In the IMU mode the relative orientation of the BNO055 in space is calculated from the
accelerometer and gyroscope data. The calculation is fast (i.e. high output data rate).
3.3.3.2 COMPASS
The COMPASS mode is intended to measure the magnetic earth field and calculate the
geographic direction.
The earth magnetic field is a vector with the horizontal components x,y and the vertical z
component. It depends on the position on the globe and natural iron occurrence. For heading
calculation (direction of compass pointer) only the horizontal components x and y are used.
Therefore the vector components of the earth magnetic field must be transformed in the
horizontal plane, which requires the knowledge of the direction of the gravity vector. To
summarize, the heading can only be calculated when considering gravity and magnetic field
at the same time.
However, the measurement accuracy depends on the stability of the surrounding magnetic
field. Furthermore, since the earth magnetic field is usually much smaller than the magnetic
fields that occur around and inside electronic devices, the compass mode requires calibration
(see chapter 3.10)
3.3.3.3 M4G (Magnet for Gyroscope)
The M4G mode is similar to the IMU mode, but instead of using the gyroscope signal to detect
rotation, the changing orientation of the magnetometer in the magnetic field is used. Since the
magnetometer has much lower power consumption than the gyroscope, this mode is less
power consuming in comparison to the IMU mode. There are no drift effects in this mode which
are inherent to the gyroscope.
However, as for compass mode, the measurement accuracy depends on the stability of the
surrounding magnetic field.
For this mode no magnetometer calibration is required and also not available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com