Electronic Components Datasheet Search
  English  ▼

X  

BNO055 Datasheet(PDF) 39 Page - Bosch Sensortec GmbH

Part # BNO055
Description  Intelligent 9-axis absolute orientation sensor
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BNO055 Datasheet(HTML) 39 Page - Bosch Sensortec GmbH

Back Button BNO055 Datasheet HTML 35Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 36Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 37Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 38Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 39Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 40Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 41Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 42Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 43Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 117 page
background image
BNO055
Data sheet
Page 39
BST-BNO055-DS000-18 | Revision 1.8 | October 2021
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on
to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Temperature
The temperature output data can be read from the TEMP register. The table below describes
the output data type and data representation (depending on selected unit).
The temperature can be read from one of two sources, the temperature source can be selected
by writing to the TEMP_SOURCE register as detailed below.
Table 3-36: Temperature Data
Parameter
Data type
bytes
TEMP
signed
1
Table 3-37: Temperature data representation
Unit
Representation
°C
1°C = 1 LSB
F
2 F = 1 LSB
Table 3-38: Temperature Source Selection
Source
[Reg Addr]: Register Value
Accelerometer
[TEMP_SOURCE]: xxxxxx00b
Gyroscope
[TEMP_SOURCE]: xxxxxx01b
3.7 Data register shadowing
This section describes the two methods to read sensor data from the BNO055 register map.
In the first method also called multi byte read (or burst read) the data consistency is ensured
by data register shadowing and hence the LSB and MSB of each axis are all referring to the
same instance (refer section 4.6 I2C read access)
Whereas in the single byte reads, the MSB may get updated when the data in LSB is read and
thereby resulting in data inconsistency.
So depending upon the application, the user may select the type of data read to ensure that
the correct data is being read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com