Electronic Components Datasheet Search
  English  ▼

X  

BNO055 Datasheet(PDF) 13 Page - Bosch Sensortec GmbH

Part # BNO055
Description  Intelligent 9-axis absolute orientation sensor
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BNO055 Datasheet(HTML) 13 Page - Bosch Sensortec GmbH

Back Button BNO055 Datasheet HTML 9Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 10Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 11Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 12Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 13Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 14Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 15Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 16Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 17Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 117 page
background image
BNO055
Data sheet
Page 13
BST-BNO055-DS000-18 | Revision 1.8 | October 2021
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on
to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Specification
If not stated otherwise, the given values are over lifetime and full performance temperature
and voltage ranges, minimum/maximum values are ±3 sigma.
1.1 Electrical specification
Table 0-1: Electrical parameter specification
OPERATING CONDITIONS BNO055
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Supply Voltage
(only Sensors)
VDD
--
2.4
--
3.6
V
Supply Voltage
(µC and I/O Domain)
VDDIO
--
1.7
--
3.6
V
Voltage Input
Low Level (UART, I2C)
VDDIO_VIL
VDDIO = 1.7-2.7V
--
--
0.25 VDDIO
V
VDDIO = 2.7-3.6V
--
--
0.3 VDDIO
V
Voltage Input
High Level (UART, I2C)
VDDIO_VIH
VDDIO = 1.7-2.7V
0.7 VDDIO
--
--
V
VDDIO = 2.7-3.6V
0.55 VDDIO
--
--
V
Voltage Output
Low Level (UART, I2C)
VDDIO_VOL
VDDIO > 3V , IOL =20mA
--
0.1 VDDIO
0.2 VDDIO
V
Voltage Output
High Level (UART, I2C)
VDDIO_VOH
VDDIO > 3V , IOH =10mA
0.8 VDDIO
0.9 VDDIO
--
V
POR Voltage threshold
on VDDIO-IN rising
VDDIO_POT+
VDDIO falls at 1V/ms or slower
--
1.45
--
V
POR Voltage threshold
on VDDIO-IN falling
VDDIO_POT-
--
0.99
--
V
Operating Temperature
TA
--
-40
--
+85
°C
Total supply current
normal mode at TA
(9DOF @100Hz output
data rate)
IDD + IDDIO
VDD = 3V, VDDIO = 2.5V
--
--
12.3
mA
Total supply current
Low power mode at TA
IDD_LPM
VDD = 3V, VDDIO = 2.5V
0.33
2.72#
mA
Total supply current
suspend mode at TA
IDD_SuM
VDD = 3V, VDDIO = 2.5V
--
--
0.04*
mA
# 80% suspend mode and 20% normal mode with 9DOF @100Hz output data rate
* using I2C as communication protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com