Electronic Components Datasheet Search
  English  ▼

X  

BNO055 Datasheet(PDF) 44 Page - Bosch Sensortec GmbH

Part # BNO055
Description  Intelligent 9-axis absolute orientation sensor
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BNO055 Datasheet(HTML) 44 Page - Bosch Sensortec GmbH

Back Button BNO055 Datasheet HTML 40Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 41Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 42Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 43Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 44Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 45Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 46Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 47Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 48Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 117 page
background image
BNO055
Data sheet
Page 44
BST-BNO055-DS000-18 | Revision 1.8 | October 2021
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on
to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Figure 2: Principle of any-motion detection
The threshold is defined through register ACC_AM_THRES. In terms of scaling 1 LSB of
ACC_AM_THRES corresponds to 3.91 mg in 2g-range (7.81 mg in 4g-range, 15.6 mg in 8g-
range and 31.3 mg in 16g-range). Therefore the maximum value is 996 mg in 2g-range (1.99g
in 4g-range, 3.98g in 8g-range and 7.97g in 16g-range).
The time difference between the successive acceleration signals depends on the selected
bandwidth and equates to 1/(2*bandwidth) (
)t=1/(2*bw)). In order to suppress false triggers,
the interrupt is only generated (cleared) if a certain number N of consecutive slope data points
is larger (smaller) than the slope threshold given by ACC_AM_THRES. This number is set by
the AM_DUR bits. It is N = AM_DUR + 1.
Example: AM_DUR = 00b, …, 11b = 1decimal, …, 4decimal.
slope_th
INT
slope
acceleration
acc(t0)
acc(t0−1/(2*bw))
slope(t0)=acc(t0)−acc(t0−1/(2*bw))
time
time
time
slope_dur
slope_dur



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com