Electronic Components Datasheet Search
  English  ▼

X  

BNO055 Datasheet(PDF) 69 Page - Bosch Sensortec GmbH

Part # BNO055
Description  Intelligent 9-axis absolute orientation sensor
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BNO055 Datasheet(HTML) 69 Page - Bosch Sensortec GmbH

Back Button BNO055 Datasheet HTML 65Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 66Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 67Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 68Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 69Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 70Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 71Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 72Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 73Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 117 page
background image
BNO055
Data sheet
Page 69
BST-BNO055-DS000-18 | Revision 1.8 | October 2021
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on
to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
4.3.37 QUA_DATA_Y_LSB 0x24
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Access
r
r
r
r
r
r
r
r
Reset
0
0
0
0
0
0
0
0
Content
Quaternion Data Y <7:0>
DATA
bits
Description
Quaternion Data
Y <7:0>
<7:0>
Lower byte of Y axis Quaternion data, read only
The output units can be selected using the UNIT_SEL register and data output type can be
changed by updating the Operation Mode in the OPR_MODE register, see section 3.3
4.3.38 QUA_DATA_Y_MSB 0x25
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Access
r
r
r
r
r
r
r
r
Reset
0
0
0
0
0
0
0
0
Content
Quaternion Data Y <15:8>
DATA
bits
Description
Quaternion Data
Y <15:8>
<7:0>
Upper byte of Y axis Quaternion data, read only
The output units can be selected using the UNIT_SEL register and data output type can be
changed by updating the Operation Mode in the OPR_MODE register, see section 3.3
4.3.39 QUA_DATA_Z_LSB 0x26
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Access
r
r
r
r
r
r
r
r
Reset
0
0
0
0
0
0
0
0
Content
Quaternion Data Z <7:0>
DATA
bits
Description
Quaternion Data
Z <7:0>
<7:0>
Lower byte of Z axis Quaternion data, read only
The output units can be selected using the UNIT_SEL register and data output type can be
changed by updating the Operation Mode in the OPR_MODE register, see section 3.3
4.3.40 QUA_DATA_Z_MSB 0x27
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Access
r
r
r
r
r
r
r
r
Reset
0
0
0
0
0
0
0
0
Content
Quaternion Data Z <15:8>
DATA
bits
Description
Quaternion Data
Z <15:8>
<7:0>
Upper byte of Z axis Quaternion data, read only
The output units can be selected using the UNIT_SEL register and data output type can be
changed by updating the Operation Mode in the OPR_MODE register, see section 3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com