Electronic Components Datasheet Search
  English  ▼

X  

BNO055 Datasheet(PDF) 29 Page - Bosch Sensortec GmbH

Part # BNO055
Description  Intelligent 9-axis absolute orientation sensor
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BNO055 Datasheet(HTML) 29 Page - Bosch Sensortec GmbH

Back Button BNO055 Datasheet HTML 25Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 26Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 27Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 28Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 29Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 30Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 31Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 32Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 33Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 117 page
background image
BNO055
Data sheet
Page 29
BST-BNO055-DS000-18 | Revision 1.8 | October 2021
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on
to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
3.5.2 Accelerometer configuration
The fusion outputs of the BNO055 are tightly linked with the accelerometer sensor settings.
Therefore the configuration possibilities are restricted when running in any of the fusion
operating modes. The accelerometer configuration can be changed by writing to the
ACC_Config register, Table below shows different Accelerometer configurations
Table 3-8: Accelerometer configurations
Parameter
Values
[Reg Addr]: Reg Value
Restrictions
G Range
2G
[ACC_Config]: xxxxxx00b
Auto controlled in fusion
mode
4G
[ACC_Config]: xxxxxx01b
8G
[ACC_Config]: xxxxxx10b
16G
[ACC_Config]: xxxxxx11b
Bandwidth
7.81Hz
[ACC_Config]: xxx000xxb
15.63Hz
[ACC_Config]: xxx001xxb
31.25Hz
[ACC_Config]: xxx010xxb
62.5Hz
[ACC_Config]: xxx011xxb
125Hz
[ACC_Config]: xxx100xxb
250Hz
[ACC_Config]: xxx101xxb
500Hz
[ACC_Config]: xxx110xxb
1000Hz
[ACC_Config]: xxx111xxb
Operation Mode
Normal
[ACC_Config]: 000xxxxxb
Suspend
[ACC_Config]: 001xxxxxb
Low Power 1
[ACC_Config]: 010xxxxxb
Standby
[ACC_Config]: 011xxxxxb
Low Power 2
[ACC_Config]: 100xxxxxb
Deep Suspend
[ACC_Config]: 101xxxxxb
The accelerometer sensor operation mode is not configurable by user when BNO power mode
is configured as low power mode. BNO rewrites the user configured value to Normal mode
when switching from config mode to any BNO operation mode. This used to achieve the BNO
low power mode performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com