Electronic Components Datasheet Search
  English  ▼

X  

BNO055 Datasheet(PDF) 21 Page - Bosch Sensortec GmbH

Part # BNO055
Description  Intelligent 9-axis absolute orientation sensor
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BNO055 Datasheet(HTML) 21 Page - Bosch Sensortec GmbH

Back Button BNO055 Datasheet HTML 17Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 18Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 19Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 20Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 21Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 22Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 23Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 24Page - Bosch Sensortec GmbH BNO055 Datasheet HTML 25Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 117 page
background image
BNO055
Data sheet
Page 21
BST-BNO055-DS000-18 | Revision 1.8 | October 2021
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on
to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
• Only No and Any motion interrupts are applicable and High-G and slow motion
interrupts are not applicable in low power mode.
• Low power mode is not applicable where accelerometer is not employed.
3.2.3 Suspend Mode
In suspend mode the system is paused and all the sensors and the microcontroller are put into
sleep mode. No values in the register map will be updated in this mode. To exit from suspend
mode the mode should be changed by writing to the PWR_MODE register (see Table 3-1).
3.3 Operation Modes
The BNO055 provides a variety of output signals, which can be chosen by selecting the
appropriate operation mode. The table below lists the different modes and the available sensor
signals.
Table 3-3: Operating modes overview
Operating Mode
Available sensor signals
Fusion Data
Accel
Mag
Gyro
Relative
orientation
Absolute
orientation
CONFIGMODE
-
-
-
-
-
ACCONLY
X
-
-
-
-
MAGONLY
-
X
-
-
-
GYROONLY
-
-
X
-
-
ACCMAG
X
X
-
-
-
ACCGYRO
X
-
X
-
-
MAGGYRO
-
X
X
-
-
AMG
X
X
X
-
-
IMU
X
-
X
X
-
COMPASS
X
X
-
-
X
M4G
X
X
X
-
NDOF_FMC_OFF
X
X
X
-
X
NDOF
X
X
X
-
X
The default operation mode after power-on is CONFIGMODE.
When the user changes to another operation mode, the sensors which are required in that
particular sensor mode are powered, while the sensors whose signals are not required are set
to suspend mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com