Electronic Components Datasheet Search
  English  ▼

X  

AX88772 Datasheet(PDF) 12 Page - ASIX Electronics Corporation

Part # AX88772
Description  USB to 10/100 Fast Ethernet/HomePNA Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772 Datasheet(HTML) 12 Page - ASIX Electronics Corporation

Back Button AX88772 Datasheet HTML 8Page - ASIX Electronics Corporation AX88772 Datasheet HTML 9Page - ASIX Electronics Corporation AX88772 Datasheet HTML 10Page - ASIX Electronics Corporation AX88772 Datasheet HTML 11Page - ASIX Electronics Corporation AX88772 Datasheet HTML 12Page - ASIX Electronics Corporation AX88772 Datasheet HTML 13Page - ASIX Electronics Corporation AX88772 Datasheet HTML 14Page - ASIX Electronics Corporation AX88772 Datasheet HTML 15Page - ASIX Electronics Corporation AX88772 Datasheet HTML 16Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
ASIX ELECTRONICS CORPORATION
12
AX88772
USB to 10/100 Fast Ethernet/HomePNA Controller
3.9 MAC to MAC Connection via MII Interface
Below figure shows recommended MAC-to-MAC connection for AX88772 MII Interfacing with an external Ethernet
MAC device. When operating at this mode, the Ethernet MAC on both sides should be set to operate at 100M full-duplex
mode.
The U1 & R1 are reserved for adjusting RXDV/RXD[3:0] input setup/hold time with respect to AX88772 RX_CLK
clock phase. Either R2 or R1 is installed at a time. User should check the TX_CLK, TXD[3:0], TXEN output timing of
external Ethernet MAC device vs. AX88772’s RXDV/RXD[3:0] input setup/hold time.
The U2 & R3 are reserved for adjusting RXDV/RXD[3:0] input setup/hold time with respect to RX_CLK clock phase on
external Ethernet MAC device. Either R3 or R4 is installed at a time. User should check the TX_CLK, TXD[3:0], TXEN
output timing of AX88772 vs. the RXDV/RXD[3:0] setup/hold time of external Ethernet MAC device.
AX88772
10/100M
Ethernet MAC
RX_CLK
RXD3
RXD2
RXD1
RXD0
RXDV
CRS
COL
RXER
TX_CLK
TXD3
TXD2
TXD1
TXD0
TXEN
TXER
TX_CLK
TXD3
TXD2
TXD1
TXD0
TXEN
TXER
RX_CLK
RXD3
RXD2
RXD1
RXD0
RXDV
CRS
COL
RXER
MDC
MDIO
GPIO
MDC
MDIO
MDINT
4.7KΩ
R3 0Ω
R4 0Ω
U2
3.3V
47KΩ
4.7KΩ
R1 0Ω
R2 0Ω
U1
3.3V
47KΩ
L3
SBK160808T-110Y-S
11 ohm@100MHz
3.3V
0.1μF
0.1μF
25MHz-OSC
OUT
VCC GND
R5
22Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com