Electronic Components Datasheet Search
  English  ▼

X  

AX88772 Datasheet(PDF) 29 Page - ASIX Electronics Corporation

Part # AX88772
Description  USB to 10/100 Fast Ethernet/HomePNA Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772 Datasheet(HTML) 29 Page - ASIX Electronics Corporation

Back Button AX88772 Datasheet HTML 25Page - ASIX Electronics Corporation AX88772 Datasheet HTML 26Page - ASIX Electronics Corporation AX88772 Datasheet HTML 27Page - ASIX Electronics Corporation AX88772 Datasheet HTML 28Page - ASIX Electronics Corporation AX88772 Datasheet HTML 29Page - ASIX Electronics Corporation AX88772 Datasheet HTML 30Page - ASIX Electronics Corporation AX88772 Datasheet HTML 31Page - ASIX Electronics Corporation AX88772 Datasheet HTML 32Page - ASIX Electronics Corporation AX88772 Datasheet HTML 33Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
ASIX ELECTRONICS CORPORATION
29
AX88772
USB to 10/100 Fast Ethernet/HomePNA Controller
7.0 Embedded Ethernet Phy Register Description
Address
Register Name
Description
0h
BMCR
Basic mode control register, basic register.
1h
BMSR
Basic mode status register, basic register.
2h
PHYIDR1
PHY identifier register 1, extended register.
3h
PHYIDR2
PHY identifier register 2, extended register.
4h
ANAR
Auto negotiation advertisement register, extended register.
5h
ANLPAR
Auto negotiation link partner ability register, extended register.
6h
ANER
Auto negotiation expansion register, extended register.
7h
Reserved
Reserved and currently not supported.
8h-Fh
IEEE reserved
IEEE 802.3u reserved.
Table 6: Embedded Ethernet Phy Register Map
7.1 Detailed Register Description
The following abbreviations apply to following sections for detailed register description.
Reset value:
1: Bit set to logic one
0: Bit set to logic zero
X: No set value
Pin#: Value latched from pin # at reset time
Access type:
RO: Read only
RW: Read or write
Attribute:
SC: Self-clearing
PS: Value is permanently set
LL: Latch low
LH: Latch high
7.1.1
Basic Mode Control Register (BMCR)
Address 00h
Bit
Bit Name
Default
Description
15 Reset
0, RW / SC
Reset:
1 = Software reset
0 = Normal operation
14 Loopback
0, RW
Loopback:
1 = Loopback enabled
0 = Normal operation
13 Speed selection
1, RW
Speed selection:
1 = 100 Mb/s
0 = 10 Mb/s
12 Auto-negotiation
enable
1, RW
Auto-negotiation enable:
1 = Auto-negotiation enabled. Bits 8 and 13 of this register are
ignored when this bit is set.
0 = Auto-negotiation disabled. Bits 8 and 13 of this register
determine the link speed and mode.
11 Power down
0, RW
Power down:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com