Electronic Components Datasheet Search
  English  ▼

X  

AX88772 Datasheet(PDF) 25 Page - ASIX Electronics Corporation

Part # AX88772
Description  USB to 10/100 Fast Ethernet/HomePNA Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772 Datasheet(HTML) 25 Page - ASIX Electronics Corporation

Back Button AX88772 Datasheet HTML 21Page - ASIX Electronics Corporation AX88772 Datasheet HTML 22Page - ASIX Electronics Corporation AX88772 Datasheet HTML 23Page - ASIX Electronics Corporation AX88772 Datasheet HTML 24Page - ASIX Electronics Corporation AX88772 Datasheet HTML 25Page - ASIX Electronics Corporation AX88772 Datasheet HTML 26Page - ASIX Electronics Corporation AX88772 Datasheet HTML 27Page - ASIX Electronics Corporation AX88772 Datasheet HTML 28Page - ASIX Electronics Corporation AX88772 Datasheet HTML 29Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
ASIX ELECTRONICS CORPORATION
25
AX88772
USB to 10/100 Fast Ethernet/HomePNA Controller
6.2.1.18 Medium Status Register (1Ah, read only) and Medium Mode Register (1Bh, write only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PF
0
TFC
RFC
0
1
FD
0
Reserved
SM
SBP
Reserved
PS
RE
AA [7:0] = {PF, JFE, TFC, RFC, EN125, AC, FD, GM}.
BB [7:0] = {Reserved, SM, SBP, JE, PS, RE}.
Bit 0: Please always write 0 to this bit.
PS: Port Speed in MII mode
1: 100 Mbps (default).
0: 10 Mbps.
FD: Full Duplex mode
1: Full Duplex mode (default).
0: Half Duplex mode.
Bit 2: Please always write 1 to this bit.
Bit 3: Please always write 0 to this bit.
RFC: RX Flow Control enable.
1: Enable receiving of pause frame on RX direction during full duplex mode (default).
0: Disabled.
TFC: TX Flow Control enable.
1: Enable transmitting pause frame on TX direction during full duplex mode (default).
0: Disabled.
Bit 6: Please always write 0 to this bit.
PF: Check only “length/type” field for Pause Frame.
1: Enable, i.e., Pause frames are identified only based on L/T filed.
0: Disabled, i.e., Pause frames are identified based on both DA and L/T fields (default).
RE: Receive Enable.
1: Enable RX path of the ASIC.
0: Disabled (default).
SBP: Stop Backpressure.
1: When TFC bit = 1, setting this bit enables backpressure on TX direction “continuously” during RX buffer full
condition in half duplex mode.
0: When TFC bit = 1, setting this bit enable backpressure on TX direction “intermittently” during RX buffer full
condition in half duplex mode (default).
SM: Super Mac support.
1: Enable Super Mac to shorten exponential back-off time during transmit retry.
0: Disabled (default).
6.2.1.19 Monitor Mode Status Register (1Ch, read only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Reserved
US
Reserved
RWMP
RWLU
MOM
MOM: Monitor Mode.
1: Enable. All received packets will be checked on DA and CRC but not buffered into memory.
0: Disabled (default).
RWLU: Remote Wakeup trigger by Ethernet Link-up.
1: Enable
0: Disabled (default).
RWMP: Remote Wakeup trigger by Magic Packet.
1: Enable
0: Disabled (default).
US: USB Speed.
1: High speed mode.
0: FS speed mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com