Electronic Components Datasheet Search
  English  ▼

X  

AX88772 Datasheet(PDF) 42 Page - ASIX Electronics Corporation

Part # AX88772
Description  USB to 10/100 Fast Ethernet/HomePNA Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772 Datasheet(HTML) 42 Page - ASIX Electronics Corporation

Back Button AX88772 Datasheet HTML 35Page - ASIX Electronics Corporation AX88772 Datasheet HTML 36Page - ASIX Electronics Corporation AX88772 Datasheet HTML 37Page - ASIX Electronics Corporation AX88772 Datasheet HTML 38Page - ASIX Electronics Corporation AX88772 Datasheet HTML 39Page - ASIX Electronics Corporation AX88772 Datasheet HTML 40Page - ASIX Electronics Corporation AX88772 Datasheet HTML 41Page - ASIX Electronics Corporation AX88772 Datasheet HTML 42Page - ASIX Electronics Corporation AX88772 Datasheet HTML 43Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 42 / 43 page
background image
ASIX ELECTRONICS CORPORATION
42
AX88772
USB to 10/100 Fast Ethernet/HomePNA Controller
Revision History
Revision
Date
Comment
V 0.1
1/5/04
Initial Release.
V 0.2
4/16/04
Added power consumption data and updated pin description for pin
USB_SPEED_LED.
V 0.3
8/9/04
Changed Bulk In transfer to Endpoint 2 and Bulk Out transfer to
Endpoint 3 in section 5.3.
V 0.4
12/23/04
Added thermal data in section 8.2.
V 0.5
1/6/05
Added operating temperature in feature and section 8.1.2.
V 0.6
3/23/05
Added power-up sequence in section 8.3.
V 0.7
6/21/05
Changed the support to 1 USB interface in section 5.2.
V 1.0
9/15/06
1. Added the Power Consumption of MAC to MAC application
through MII interface in Section 8.2.2.
2. Correct the EEDO input Setup and Hold time information in
Section 8.4.5.
V1.1
4/24/07
1. Added suggested operating frequency range for XIN12M pin in
section 2.0.
2. Swaped pin name XIN25M and XOUT25M in section 2.0 and
Figure 2. Corrected XIN25M/XOUT25M to 2.5V tolerant pin.
3. Added MII MAC-to-MAC connection diagram in section 3.9.
4. Removed USB V1.0 from datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com