Electronic Components Datasheet Search
  English  ▼

X  

AX88772 Datasheet(PDF) 37 Page - ASIX Electronics Corporation

Part # AX88772
Description  USB to 10/100 Fast Ethernet/HomePNA Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772 Datasheet(HTML) 37 Page - ASIX Electronics Corporation

Back Button AX88772 Datasheet HTML 33Page - ASIX Electronics Corporation AX88772 Datasheet HTML 34Page - ASIX Electronics Corporation AX88772 Datasheet HTML 35Page - ASIX Electronics Corporation AX88772 Datasheet HTML 36Page - ASIX Electronics Corporation AX88772 Datasheet HTML 37Page - ASIX Electronics Corporation AX88772 Datasheet HTML 38Page - ASIX Electronics Corporation AX88772 Datasheet HTML 39Page - ASIX Electronics Corporation AX88772 Datasheet HTML 40Page - ASIX Electronics Corporation AX88772 Datasheet HTML 41Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
ASIX ELECTRONICS CORPORATION
37
AX88772
USB to 10/100 Fast Ethernet/HomePNA Controller
8.4.2 Reset Timing
XIN12M
RESET_N
Symbol
Description
Min
Typ
Max
Units
Trst
Reset pulse width (6ms ~10ms) after XIN12M
is running
72000
-
-
XIN12M clock cycle
8.4.3 MII Timing (100Mbps)
Ttclk
Ttch Ttcl
TX_CLK
Tts
Tth
TXD [3:0]
TX_EN, TX_ER
Symbol
Description
Min
Typ
Max
Units
Ttclk
TX_CLK clock cycle time *1
-
40.0
-
ns
Ttch
TX_CLK clock high time *2
-
20.0
-
ns
Ttcl
TX_CLK clock low time *2
-
20.0
-
ns
Tts
TXD [3:0], TX_EN, TX_ER setup time
28.0
-
-
ns
Tth
TXD [3:0], TX_EN, TX_ER hold time
5.0
-
-
ns
Trclk
Trch Trcl
RX_CLK
Trs
Trh
RXD [3:0]
RX_DV, RX_ER
Symbol
Description
Min
Typ
Max
Units
Trclk
RX_CLK clock cycle time *1
-
40.0
-
ns
Trch
RX_CLK clock high time *2
-
20.0
-
ns
Trcl
RX_CLK clock low time *2
-
20.0
-
ns
Trs
RXD [3:0], RX_DV, and RX_ER setup time
3.0
-
-
ns
Trh
RXD [3:0], RX_DV, and RX_ER hold time
0.5
-
-
ns
*1: For 10Mbps, the typical value of Ttclk and Trclk shall scale to 400ns.
*2: For 10Mbps, the typical value of Ttch, Ttcl, Trch, and Trcl shall scale to 200ns.
Trst



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com