Electronic Components Datasheet Search
  English  ▼

X  

AX88772 Datasheet(PDF) 30 Page - ASIX Electronics Corporation

Part # AX88772
Description  USB to 10/100 Fast Ethernet/HomePNA Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772 Datasheet(HTML) 30 Page - ASIX Electronics Corporation

Back Button AX88772 Datasheet HTML 26Page - ASIX Electronics Corporation AX88772 Datasheet HTML 27Page - ASIX Electronics Corporation AX88772 Datasheet HTML 28Page - ASIX Electronics Corporation AX88772 Datasheet HTML 29Page - ASIX Electronics Corporation AX88772 Datasheet HTML 30Page - ASIX Electronics Corporation AX88772 Datasheet HTML 31Page - ASIX Electronics Corporation AX88772 Datasheet HTML 32Page - ASIX Electronics Corporation AX88772 Datasheet HTML 33Page - ASIX Electronics Corporation AX88772 Datasheet HTML 34Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
ASIX ELECTRONICS CORPORATION
30
AX88772
USB to 10/100 Fast Ethernet/HomePNA Controller
1 = Power down
0 = Normal operation
10 Isolate
(PHYAD = 00000),
RW
Isolate:
1 = Isolate
0 = Normal operation
9
Restart
auto-negotiation
0, RW / SC
Restart auto-negotiation:
1 = Restart auto-negotiation
0 = Normal operation
8
Duplex mode
1, RW
Duplex mode:
1 = Full duplex operation
0 = Normal operation
7
Collision test
0, RW
Collision test:
1 = Collision test enabled
0 = Normal operation
6:0 Reserved
X, RO
Reserved:
Write as 0, read as “don’t care”.
7.1.2
Basic Mode Status Register (BMSR)
Address 01h
Bit
Bit Name
Default
Description
15
100BASE-T4
0, RO / PS
100BASE-T4 capable:
0 = This PHY is not able to perform in 100BASE-T4 mode.
14
100BASE-TX full
duplex
1, RO / PS
100BASE-TX full-duplex capable:
1 = This PHY is able to perform in 100BASE-TX full-duplex
mode.
13
100BASE-TX half
duplex
1, RO / PS
100BASE-TX half-duplex capable:
1 = This PHY is able to perform in 100BASE-TX half-duplex
mode.
12
10BASE-T full
duplex
1, RO / PS
10BASE-T full-duplex capable:
1 = This PHY is able to perform in 10BASE-T full-duplex mode.
11
10BASE-T half
duplex
1, RO / PS
10BASE-T half-duplex capable:
1 = This PHY is able to perform in 10BASE-T half-duplex mode.
10:7 Reserved
0, RO
Reserved:
Write as 0, read as “don’t care”.
6
MF preamble
suppression
0, RO / PS
Management frame preamble suppression:
0 = This PHY will not accept management frames with preamble
suppressed.
5
Auto-negotiation
complete
0, RO
Auto-negotiation completion:
1 = Auto-negotiation process completed
0 = Auto-negotiation process not completed
4
Remote fault (Not
supported)
0, RO / LH
Remote fault:
1 = Remote fault condition detected (cleared on read or by a chip
reset)
0 = No remote fault condition detected
3
Auto-negotiation
ability
1, RO / PS
Auto configuration ability:
1 = This PHY is able to perform auto-negotiation.
2
Link status
0, RO / LL
Link status:
1 = Valid link established (100Mb/s or 10Mb/s operation)
0 = Link not established
1
Jabber detect
0, RO / LH
Jabber detection:
1 = Jabber condition detected
0 = No Jabber condition detected
0
Extended capability
1, RO / PS
Extended capability:
1 = Extended register capable
0 = Basic register capable only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com