Electronic Components Datasheet Search
  English  ▼

X  

AX88772 Datasheet(PDF) 18 Page - ASIX Electronics Corporation

Part # AX88772
Description  USB to 10/100 Fast Ethernet/HomePNA Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772 Datasheet(HTML) 18 Page - ASIX Electronics Corporation

Back Button AX88772 Datasheet HTML 14Page - ASIX Electronics Corporation AX88772 Datasheet HTML 15Page - ASIX Electronics Corporation AX88772 Datasheet HTML 16Page - ASIX Electronics Corporation AX88772 Datasheet HTML 17Page - ASIX Electronics Corporation AX88772 Datasheet HTML 18Page - ASIX Electronics Corporation AX88772 Datasheet HTML 19Page - ASIX Electronics Corporation AX88772 Datasheet HTML 20Page - ASIX Electronics Corporation AX88772 Datasheet HTML 21Page - ASIX Electronics Corporation AX88772 Datasheet HTML 22Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
ASIX ELECTRONICS CORPORATION
18
AX88772
USB to 10/100 Fast Ethernet/HomePNA Controller
6.0 USB Commands
There are three command groups for Endpoint 0 (Control Endpoint) in AX88772:
The USB standard commands
The USB vendor commands
The USB Communication Class commands
6.1 USB Standard Commands
The Language ID is 0x0904 for English
PPLL means buffer length
CC means configuration number
I I means Interface number
AA means Device Address
Setup Command
Data Bytes
Access
Type
Description
8006_00 01 00 00 LLPP
PPLL bytes in Data stage
Read
Get Device Descriptor
8006_0002 0000_LLPP
PPLL bytes in Data stage
Read
Get Configuration Descriptor
8006_0003_0000_LLPP
PPLL bytes in Data stage
Read
Get Supported Language ID
8006_0103_0904_LLPP
PPLL bytes in Data stage
Read
Get Manufacture String
8006_0203_0904_LLPP
PPLL bytes in Data stage
Read
Get Product String
8006_0303_0904_LLPP
PPLL bytes in Data stage
Read
Get Serial Number String
8006_0403_0904_LLPP
PPLL bytes in Data stage
Read
Get Configuration String
8006_0503_0904_LLPP
PPLL bytes in Data stage
Read
Get Interface 0 String
8006_0603_0904_LLPP
PPLL bytes in Data stage
Read
Get Interface 1/0 String
8006_0703_0904_LLPP
PPLL bytes in Data stage
Read
Get Interface 1/1 String
8008_0000_0000_0100
1 bytes in Data stage
Read
Get Configuration
0009_CC00_0000_0000
No data in Data stage
Write
Set Configuration
810A_0000 _I I00_0100
1 bytes in Data stage
Read
Get Interface
010B_AS00_0000_0000
No data in Data stage
Write
Set Interface
0005_AA00_0000_0000
No data in Data stage
Write
Set Address
Table 3: USB Standard Command Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com