Electronic Components Datasheet Search
  English  ▼

X  

AX88772 Datasheet(PDF) 34 Page - ASIX Electronics Corporation

Part # AX88772
Description  USB to 10/100 Fast Ethernet/HomePNA Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772 Datasheet(HTML) 34 Page - ASIX Electronics Corporation

Back Button AX88772 Datasheet HTML 30Page - ASIX Electronics Corporation AX88772 Datasheet HTML 31Page - ASIX Electronics Corporation AX88772 Datasheet HTML 32Page - ASIX Electronics Corporation AX88772 Datasheet HTML 33Page - ASIX Electronics Corporation AX88772 Datasheet HTML 34Page - ASIX Electronics Corporation AX88772 Datasheet HTML 35Page - ASIX Electronics Corporation AX88772 Datasheet HTML 36Page - ASIX Electronics Corporation AX88772 Datasheet HTML 37Page - ASIX Electronics Corporation AX88772 Datasheet HTML 38Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
ASIX ELECTRONICS CORPORATION
34
AX88772
USB to 10/100 Fast Ethernet/HomePNA Controller
8.1.3
Leakage Current and Capacitance
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IIN
Input current
No pull-up or pull-down
-10
±
1
10
μ
A
IOZ
Tri-state leakage current
-10
±
1
10
μ
A
CIN
Input capacitance
-
3.1
-
pF
COUT
Output capacitance
-
3.1
-
pF
CBID
Bi-directional buffer capacitance
-
3.1
-
pF
Note: The capacitance listed above does not include pad capacitance and package capacitance. One can estimate pin
capacitance by adding a pad capacitance of about 0.5pF and the package capacitance.
8.1.4
DC Characteristics of 2.5V I/O Pins
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDD2
Power supply of 2.5V I/O
2.25
2.5
2.75
V
Temp
Junction temperature
0
25
115
℃
Vil
Input low voltage
-
-
0.7
V
Vih
Input high voltage
CMOS
1.7
-
-
V
Vt-
Schmitt trigger negative going
threshold voltage
0.7
1.0
-
V
Vt+
Schmitt
trigger
positive
going
threshold voltage
CMOS
-
1.5
1.7
V
Vol
Output low voltage
|Iol| = 2~16mA
-
-
0.4
V
Voh
Output high voltage
|Ioh| = 2~16mA
1.85
-
-
V
Rpu
Input pull-up resistance
40
75
190
KΩ
Rpd
Input pull-down resistance
40
75
190
KΩ
Iin
Input leakage current
Vin = VDD2 or 0
-10
±1
10
μ
A
Ioz
Tri-state output leakage current
-10
±1
10
μ
A
8.1.5
DC Characteristics of 3.3V I/O Pins
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDD3
Power supply of 3.3V I/O
3.3V I/O
3.0
3.3
3.6
V
Temp
Junction temperature
0
25
115
℃
Vil
Input low voltage
-
-
0.8
V
Vih
Input high voltage
LVTTL
2.0
-
-
V
Vt-
Schmitt trigger negative going
threshold voltage
0.8
1.1
-
V
Vt+
Schmitt
trigger
positive
going
threshold voltage
LVTTL
-
1.6
2.0
V
Vol
Output low voltage
|Iol| = 2~16mA
-
-
0.4
V
Voh
Output high voltage
|Ioh| = 2~16mA
2.4
-
-
V
Rpu
Input pull-up resistance
40
75
190
KΩ
Rpd
Input pull-down resistance
40
75
190
KΩ
Iin
Input leakage current
Vin = VDD3 or 0
-10
±1
10
μ
A
Ioz
Tri-state output leakage current
-10
±1
10
μ
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com