Electronic Components Datasheet Search
  English  ▼

X  

AX88772 Datasheet(PDF) 32 Page - ASIX Electronics Corporation

Part # AX88772
Description  USB to 10/100 Fast Ethernet/HomePNA Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772 Datasheet(HTML) 32 Page - ASIX Electronics Corporation

Back Button AX88772 Datasheet HTML 28Page - ASIX Electronics Corporation AX88772 Datasheet HTML 29Page - ASIX Electronics Corporation AX88772 Datasheet HTML 30Page - ASIX Electronics Corporation AX88772 Datasheet HTML 31Page - ASIX Electronics Corporation AX88772 Datasheet HTML 32Page - ASIX Electronics Corporation AX88772 Datasheet HTML 33Page - ASIX Electronics Corporation AX88772 Datasheet HTML 34Page - ASIX Electronics Corporation AX88772 Datasheet HTML 35Page - ASIX Electronics Corporation AX88772 Datasheet HTML 36Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
ASIX ELECTRONICS CORPORATION
32
AX88772
USB to 10/100 Fast Ethernet/HomePNA Controller
7.1.6
Auto Negotiation Link Partner Ability Register (ANLPAR)
Address 05h
Bit
Bit Name
Default
Description
15
NP
0, RO
Next page indication:
1 = Link partner next page enabled
0 = Link partner not next page enabled
14
ACK
0, RO
Acknowledgement:
1 = Link partner ability for reception of data word acknowledged
0 = Not acknowledged
13
RF
0, RO
Remote fault:
1 = Remote fault indicated by link partner
0 = No remote fault indicated by link partner
12:11 Reserved
X, RO
Reserved:
Write as 0, read as “don’t care”.
10
Pause
0, RO
Pause:
1 = Pause operation supported by link partner
0 = Pause operation not supported by link partner
9
T4
0, RO
100BASE-T4 support:
1 = 100BASE-T4 supported by link partner
0 = 100BASE-T4 not supported by link partner
8
TX_FD
0, RO
100BASE-TX full-duplex support:
1 = 100BASE-TX full-duplex supported by link partner
0 = 100BASE-TX full-duplex not supported by link partner
7
TX_HD
0, RO
100BASE-TX half-duplex support:
1 = 100BASE-TX half-duplex supported by link partner
0 = 100BASE-TX half-duplex not supported by link partner
6
10_FD
0, RO
10BASE-T full-duplex support:
1 = 10BASE-T full-duplex supported by link partner
0 = 10BASE-T full-duplex not supported by link partner
5
10_HD
0, RO
10BASE-T half-duplex support:
1 = 10BASE-T half-duplex supported by link partner
0 = 10BASE-T half-duplex not supported by link partner
4:0
Selector
0_0000, RO
Protocol selection bits:
Link partner’s binary encoded protocol selector.
7.1.7
Auto Negotiation Expansion Register (ANER)
Address 06h
Bit
Bit Name
Default
Description
15:5 Reserved
0, RO
Reserved:
Write as 0, read as “don’t care”.
4
PDF
0, RO / LH
Parallel detection fault:
1 = Fault detected via the parallel detection function
0 = No fault detected
3
LP_NP_AB
0, RO
Link partner next page enable:
1 = Link partner next page enabled
0 = Link partner not next page enabled
2
NP_AB
0, RO / PS
PHY next page enable:
0 = PHY not next page enabled
1
Page_RX
0, RO / LH
New page reception:
1 = New page received
0 = New page not received
0
LP_AN_AB
0, RO
Link partner auto-negotiation enable:
1 = Auto-negotiation supported by link partner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com