Electronic Components Datasheet Search
  English  ▼

X  

AX88772 Datasheet(PDF) 3 Page - ASIX Electronics Corporation

Part # AX88772
Description  USB to 10/100 Fast Ethernet/HomePNA Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772 Datasheet(HTML) 3 Page - ASIX Electronics Corporation

  AX88772 Datasheet HTML 1Page - ASIX Electronics Corporation AX88772 Datasheet HTML 2Page - ASIX Electronics Corporation AX88772 Datasheet HTML 3Page - ASIX Electronics Corporation AX88772 Datasheet HTML 4Page - ASIX Electronics Corporation AX88772 Datasheet HTML 5Page - ASIX Electronics Corporation AX88772 Datasheet HTML 6Page - ASIX Electronics Corporation AX88772 Datasheet HTML 7Page - ASIX Electronics Corporation AX88772 Datasheet HTML 8Page - ASIX Electronics Corporation AX88772 Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
ASIX ELECTRONICS CORPORATION
3
AX88772
USB to 10/100 Fast Ethernet/HomePNA Controller
8.1.3
LEAKAGE CURRENT AND CAPACITANCE ............................................................................34
8.1.4
DC CHARACTERISTICS OF 2.5V I/O PINS...........................................................................34
8.1.5
DC CHARACTERISTICS OF 3.3V I/O PINS...........................................................................34
8.2
POWER CONSUMPTION...........................................................................................................35
8.2.1
INTERNAL PHY ....................................................................................................................35
8.2.2
OPERATING THROUGH MII INTERFACE WITH INTERNAL ETHERNET PHY POWER-DOWN...35
8.3
POWER-UP SEQUENCE............................................................................................................35
8.4
AC TIMING CHARACTERISTICS..............................................................................................36
8.4.1
Clock Timing .................................................................................................................. 36
8.4.2
Reset Timing...................................................................................................................37
8.4.3
MII Timing (100Mbps)................................................................................................... 37
8.4.4
Station Management Timing .......................................................................................... 38
8.4.5
Serial EEPROM Timing.................................................................................................38
9.0
PACKAGE INFORMATION............................................................................................ 39
10.0
ORDERING INFORMATION ...................................................................................... 40
APPENDIX A: SYSTEM APPLICATIONS ................................................................................. 41
A.1 USB TO FAST ETHERNET CONVERTER .....................................................................................41
A.2 USB TO FAST ETHERNET AND/OR HOMELAN COMBO SOLUTION ............................................41
REVISION HISTORY .................................................................................................................... 42
List of Figures
FIGURE 1: AX88772 BLOCK DIAGRAM ................................................................................................4
FIGURE 2: AX88772 PINOUT DIAGRAM................................................................................................5
FIGURE 3: INTERNAL DATAPATH DIAGRAM OF 10/100 ETHERNET PHY AND MII INTERFACE...........10
FIGURE 4: INTERNAL CONTROL MUX FOR STATION MANAGEMENT INTERFACE.................................11
FIGURE 5: MULTICAST FILTER EXAMPLE............................................................................................24
List of Tables
TABLE 1: PINOUT DESCRIPTION ............................................................................................................6
TABLE 2: SERIAL EEPROM MEMORY MAP .......................................................................................13
TABLE 3: USB STANDARD COMMAND REGISTER MAP.......................................................................18
TABLE 4: USB VENDOR COMMAND REGISTER MAP ..........................................................................19
TABLE 5: REMOTE WAKEUP TRUTH TABLE ........................................................................................28
TABLE 6: EMBEDDED ETHERNET PHY REGISTER MAP........................................................................29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com