Electronic Components Datasheet Search
  English  ▼

X  

TSC2007 Datasheet(PDF) 17 Page - Texas Instruments

Part # TSC2007
Description  TSC2007-Q1 1.2-V to 3.6-V, 12-Bit, Nanopower, 4-Wire Micro Touch-Screen Controller With I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2007 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TSC2007 Datasheet HTML 13Page - Texas Instruments TSC2007 Datasheet HTML 14Page - Texas Instruments TSC2007 Datasheet HTML 15Page - Texas Instruments TSC2007 Datasheet HTML 16Page - Texas Instruments TSC2007 Datasheet HTML 17Page - Texas Instruments TSC2007 Datasheet HTML 18Page - Texas Instruments TSC2007 Datasheet HTML 19Page - Texas Instruments TSC2007 Datasheet HTML 20Page - Texas Instruments TSC2007 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
0V
FS=Full-ScaleVoltage=V
REF
(1)
1LSB=V
/4096
REF
(1)
FS
1LSB
-
11...111
11...110
11...101
00...010
00...001
00...000
1LSB
InputVoltage
(V)
(2)
17
TSC2007-Q1
www.ti.com
SBAS545A – SEPTEMBER 2011 – REVISED DECEMBER 2016
Product Folder Links: TSC2007-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Feature Description (continued)
(1)
Reference voltage at converter: +REF – (–REF). See Figure 20.
(2)
Input voltage at converter, after multiplexer: +IN – (–IN). See Figure 20.
Figure 23. Ideal Input Voltages and Output Codes
7.3.3.8 Touch Detect
The PENIRQ pin can be used as an interrupt to the host. RIRQ is an internal pullup resistor with a programmable
value of either 50 kΩ (default) or 90 kΩ. Write command 1011 (setup command) followed by data 0001 sets the
pullup to 90 kΩ.
NOTE
The first three bits must be 0s and the select bit is the last bit. To change the pullup back
to 50 kΩ, issue write command 1011 followed by data 0000.
An example for the Y-position measurement is detailed in Figure 24. The PENIRQ output is pulled high by an
internal pullup. While in power-down mode with PD0 = 0, the Y– driver is on and connected to GND, and the
PENIRQ output is connected to the X+ input. When the panel is touched, the X+ input is pulled to ground
through the touch screen, and the PENIRQ output goes low because of the current path through the panel to
GND, initiating an interrupt to the processor. During the measurement cycle for X, Y, and Z position, the X+ input
is disconnected from the PENIRQ pulldown transistor to eliminate any pullup resistor leakage current from
flowing through the touch screen, thus causing no errors.
In addition to the measurement cycles for X, Y, and Z position, commands that activate the X-drivers, Y-drivers,
and Y+ and X-drivers without performing a measurement also disconnect the X+ input from the PENIRQ
pulldown transistor, and disable the pen-interrupt output function, regardless of the value of the PD0 bit. Under
these conditions, the PENIRQ output is forced low. Furthermore, if the last command byte written to the
TSC2007-Q1 contains PD0 = 1, the pen-interrupt output function is disabled and cannot detect when the panel is
touched. To re-enable the pen-interrupt output function under these circumstances, a command byte must be
written to the TSC2007-Q1 with PD0 = 0.
When the bus master sends the address byte with the R/W bit = 0, and the TSC2007-Q1 sends an acknowledge,
the pen-interrupt function is disabled. If the command that follows the address byte contains PD0 = 0, then the
pen-interrupt function is enabled at the end of a conversion. This action is approximately 100 µs (12-bit mode) or
50 µs (8-bit mode) after the TSC2007-Q1 receives a STOP or START condition, following the receipt of a
command byte (see Figure 30 and Figure 29 for further details about when the conversion cycle begins).
In both cases previously listed, TI recommends that whenever the host writes to the TSC2007-Q1, the master
processor masks the interrupt associated to PENIRQ. This masking prevents false triggering of interrupts when
the PENIRQ line is disabled in the cases previously listed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com