Electronic Components Datasheet Search
  English  ▼

X  

TSC2007 Datasheet(PDF) 33 Page - Texas Instruments

Part # TSC2007
Description  TSC2007-Q1 1.2-V to 3.6-V, 12-Bit, Nanopower, 4-Wire Micro Touch-Screen Controller With I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2007 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TSC2007 Datasheet HTML 29Page - Texas Instruments TSC2007 Datasheet HTML 30Page - Texas Instruments TSC2007 Datasheet HTML 31Page - Texas Instruments TSC2007 Datasheet HTML 32Page - Texas Instruments TSC2007 Datasheet HTML 33Page - Texas Instruments TSC2007 Datasheet HTML 34Page - Texas Instruments TSC2007 Datasheet HTML 35Page - Texas Instruments TSC2007 Datasheet HTML 36Page - Texas Instruments TSC2007 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
33
TSC2007-Q1
www.ti.com
SBAS545A – SEPTEMBER 2011 – REVISED DECEMBER 2016
Product Folder Links: TSC2007-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
9 Power Supply Recommendations
This device is designed to operate from an input voltage supply of 1.2 V to 3.6 V. Power to the TSC2007-Q1
device must be clean and well bypassed. Add a 0.1-µF ceramic capacitor between VDD/REF and GND.
10 Layout
10.1 Layout Guidelines
The following layout suggestions may allow optimum performance from the TSC2007-Q1. Keep in mind that
many portable applications have conflicting requirements for power, cost, size, and weight. In general, most
portable devices have fairly clean power and grounds because most of the internal components are very low
power. This situation would mean less bypassing for the converter power and less concern regarding grounding.
However, each situation is unique and the following suggestions must be reviewed carefully.
For optimum performance, take care of the physical layout of the TSC2007-Q1 circuitry. The basic SAR
architecture is sensitive to glitches or sudden changes on the power supply, reference, ground connections, and
digital inputs that occur immediately before latching the output of the analog comparator. Therefore, during any
single conversion for an n-bit SAR converter, there are n windows in which large external transient voltages can
easily affect the conversion result. Such glitches might originate from switching power supplies, nearby digital
logic, and high power devices. The degree of error in the digital output depends on the reference voltage, layout,
and the exact timing of the external event. The error can change if the external event changes in time with
respect to the SCL input.
With this consideration in mind, power to the TSC2007-Q1 must be clean and well bypassed. A 0.1-µF ceramic
bypass capacitor must be placed as close to the device as possible. In addition, a 1-µF to 10-µF capacitor may
also be required if the impedance of the connection between VDD/REF and the power supply is high.
A bypass capacitor is generally not required on the VDD/REF pin because the internal reference is buffered by
an internal op amp. If an external reference voltage originates from an op amp, make sure that it can drive any
bypass capacitor that is used without oscillation.
The TSC2007-Q1 architecture offers no inherent rejection of noise or voltage variation with regard to using an
external reference input, which is of particular concern when the reference input is tied to the power supply. Any
noise and ripple from the supply appears directly in the digital results. While high-frequency noise can be filtered
out, voltage variation because of line frequency (50 Hz or 60 Hz) can be difficult to remove. Some package
options have pins labeled as VOID. Avoid any active trace going under any pin marked as VOID unless it is
shielded by a ground or power plane.
The GND pin must be connected to a clean ground point. In many cases, this point is the analog ground. Avoid
connections that are too near the grounding point of a microcontroller or digital signal processor. If required, run
a ground trace directly from the converter to the power-supply entry or battery connection point. The ideal layout
includes an analog ground plane dedicated to the converter and associated analog circuitry.
In the specific case of use with a resistive touch screen, take care with the connection between the converter and
the touch screen. Resistive touch screens have fairly low resistance; therefore, the interconnection must be as
short and robust as possible. Loose connections can be a source of error when the contact resistance changes
with flexing or vibrations.
As indicated previously, noise can be a major source of error in touch-screen applications (for example,
applications that require a back-lit LCD panel). This electromagnetic interference (EMI) noise can be coupled
through the LCD panel to the touch screen and cause flickering of the converted A-D converter data. Several
things can be done to reduce this error, such as using a touch screen with a bottom-side metal layer connected
to ground, which couples the majority of noise to ground. Additionally, filtering capacitors, from Y+, Y–, X+, and
X– to ground, can also help. However, the use of these capacitors increases screen settling time and requires a
longer time for panel voltages to stabilize. The resistor value varies depending on the touch screen sensor used.
The PENIRQ pullup resistor (RIRQ) may be adequate for most of sensors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com