Electronic Components Datasheet Search
  English  ▼

X  

TSC2007 Datasheet(PDF) 7 Page - Texas Instruments

Part # TSC2007
Description  TSC2007-Q1 1.2-V to 3.6-V, 12-Bit, Nanopower, 4-Wire Micro Touch-Screen Controller With I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2007 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSC2007 Datasheet HTML 3Page - Texas Instruments TSC2007 Datasheet HTML 4Page - Texas Instruments TSC2007 Datasheet HTML 5Page - Texas Instruments TSC2007 Datasheet HTML 6Page - Texas Instruments TSC2007 Datasheet HTML 7Page - Texas Instruments TSC2007 Datasheet HTML 8Page - Texas Instruments TSC2007 Datasheet HTML 9Page - Texas Instruments TSC2007 Datasheet HTML 10Page - Texas Instruments TSC2007 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
7
TSC2007-Q1
www.ti.com
SBAS545A – SEPTEMBER 2011 – REVISED DECEMBER 2016
Product Folder Links: TSC2007-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
6.7 Timing Requirements: Fast Mode (SCL = 400 kHz)
All specifications typical at –40°C to 85°C, VDD = 1.6 V (unless otherwise noted).
MIN
NOM
MAX
UNIT
fSCL
SCL clock frequency
0
400
kHz
tBUF
Bus free time between a STOP and START condition
1.3
µs
tHD, STA
Hold time (repeated) START condition
0.6
µs
tLOW
Low period of SCL clock
1.3
µs
tHIGH
High period of the SCL clock
0.6
µs
tSU, STA
Setup time for a repeated START condition
0.6
µs
tHD, DAT
Data hold time
0
0.9
µs
tSU, DAT
Data setup time
100
ns
tR
Rise time for both SDA and SCL signals
(receiving)
Cb = total bus capacitance
20 + 0.1 × Cb
300
ns
tF
Fall time for both SDA and
SCL signals
Receiving
Cb = total bus capacitance
20 + 0.1 × Cb
300
ns
Transmitting
Cb = total bus capacitance
20 + 0.1 × Cb
250
ns
tSU, STO
Setup time for STOP condition
0.6
µs
Cb
Capacitive load for each bus line
Cb = total capacitance of one bus line in pF
400
pF
Cycle time
8 bits
40 SCL + 127 CCLK, VDD = 1.8 V
134.7
µs
12 bits
49 SCL + 148 CCLK, VDD = 1.8 V
203.4
µs
Effective throughput
8 bits
VDD = 1.8 V
7.42
kSPS
12 bits
VDD = 1.8 V
4.92
kSPS
Equivalent rate = effective
throughput × 7
8 bits
VDD = 1.8 V
51.97
kHz
12 bits
VDD = 1.8 V
34.42
kHz
6.8 Timing Requirements: High-Speed Mode (SCL = 1.7 MHz)
All specifications typical at –40°C to 85°C, VDD = 1.6 V (unless otherwise noted).
MIN
NOM
MAX
UNIT
fSCL
SCL clock frequency
0
1.7
MHz
tHD, STA
Hold time (repeated) START condition
160
ns
tLOW
Low period of SCL clock
320
ns
tHIGH
High period of the SCL clock
120
ns
tSU, STA
Setup time for a repeated START condition
160
ns
tHD, DAT
Data hold time
0
150
ns
tSU, DAT
Data setup time
10
ns
tR
Rise time for a signal
(receiving)
SCL
Cb = total bus capacitance
20
80
ns
SDA
Cb = total bus capacitance
20
160
ns
tF
Fall time for a signal
(receiving)
SCL
Cb = total bus capacitance
20
80
ns
SDA
Cb = total bus capacitance
20
160
ns
tF
Fall time for both SDA and SCL signals
(transmitting)
Cb = total bus capacitance
20
160
ns
tSU, STO
Setup time for STOP condition
160
ns
Cb
Capacitive load for each bus line
Cb = total capacitance of one bus line in pF
400
pF
Cycle time
8 bits
40 SCL + 127 CCLK, VDD = 1.8 V
58.2
µs
12 bits
49 SCL + 148 CCLK, VDD = 1.8 V
109.7
µs
Effective throughput
8 bits
VDD = 1.8 V
17.17
kSPS
12 bits
VDD = 1.8 V
9.12
kSPS
Equivalent rate = effective
throughput × 7
8 bits
VDD = 1.8 V
120.22
kHz
12 bits
VDD = 1.8 V
63.81
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com