Electronic Components Datasheet Search
  English  ▼

X  

TSC2007 Datasheet(PDF) 24 Page - Texas Instruments

Part # TSC2007
Description  TSC2007-Q1 1.2-V to 3.6-V, 12-Bit, Nanopower, 4-Wire Micro Touch-Screen Controller With I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2007 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TSC2007 Datasheet HTML 20Page - Texas Instruments TSC2007 Datasheet HTML 21Page - Texas Instruments TSC2007 Datasheet HTML 22Page - Texas Instruments TSC2007 Datasheet HTML 23Page - Texas Instruments TSC2007 Datasheet HTML 24Page - Texas Instruments TSC2007 Datasheet HTML 25Page - Texas Instruments TSC2007 Datasheet HTML 26Page - Texas Instruments TSC2007 Datasheet HTML 27Page - Texas Instruments TSC2007 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
24
TSC2007-Q1
SBAS545A – SEPTEMBER 2011 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TSC2007-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
The setup command has an additional four bits of data. These data are static; that is, they are not changed by other commands, except
for the power-on reset. The default value for these bits after power-on reset is 0000. Table 5 shows the definition of these data bits.
Table 4. Converter Function Select
C3
C2
C1
C0
FUNCTION
INPUT TO A-D
CONVERTER
X-DRIVERS Y-DRIVERS
ACK
REFERENCE
MODE
0
0
0
0
Measure TEMP0
TEMP0
OFF
OFF
Y
Single-Ended
0
0
0
1
Reserved
—
OFF
OFF
N
Single-Ended
0
0
1
0
Measure AUX
AUX
OFF
OFF
Y
Single-Ended
0
0
1
1
Reserved
—
OFF
OFF
N
Single-Ended
0
1
0
0
Measure TEMP1
TEMP1
OFF
OFF
Y
Single-Ended
0
1
0
1
Reserved
—
OFF
OFF
N
Single-Ended
0
1
1
0
Reserved
—
OFF
OFF
N
Single-Ended
0
1
1
1
Reserved
—
OFF
OFF
N
Single-Ended
1
0
0
0
Activate X-drivers
—
ON
OFF
Y
Differential
1
0
0
1
Activate Y-drivers
—
OFF
ON
Y
Differential
1
0
1
0
Activate Y+, X-drivers
—
X– ON
Y+ ON
Y
Differential
1
0
1
1
Setup command(1)
—
OFF
OFF
N
—
1
1
0
0
Measure X position
Y+
ON
OFF
Y
Differential
1
1
0
1
Measure Y position
X+
OFF
ON
Y
Differential
1
1
1
0
Measure Z1 position
X+
X– ON
Y+ ON
Y
Differential
1
1
1
1
Measure Z2 position
Y–
X– ON
Y+ ON
Y
Differential
Table 5. Command Byte Definition for the Setup Command
BIT
NAME
DESCRIPTION
D7–D4
C3–C0
Setup command; must write 1011.
D3–D2
PD1–PD0
Reserved; must write 00.
D1
Filter control
0: Use the onboard MAV filter (default).
1: Bypass the onboard MAV filter.
D0
RIRQ select
PENIRQ pullup resistor (RIRQ) select
0: RIRQ = 50 kΩ (default).
1: RIRQ = 90 kΩ.
7.5.2.3 Start a Converter Function or Write Cycle
A conversion or write cycle begins when the master issues the address byte containing the slave address of the
TSC2007-Q1, with the eighth bit equal to a 0 (R/W = 0), as shown in Table 2. Once the eighth bit has been
received, and the address matches the A1–A0 address input pin setting, the TSC2007-Q1 issues an
acknowledge.
When the master receives the acknowledge bit from the TSC2007-Q1, the master writes the command byte to
the slave (see Table 3). After the command byte is received by the slave, the slave issues another acknowledge
bit. The master then ends the write cycle by issuing a repeated START or a STOP condition, as shown in
Figure 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com