Electronic Components Datasheet Search
  English  ▼

X  

TSC2007 Datasheet(PDF) 6 Page - Texas Instruments

Part # TSC2007
Description  TSC2007-Q1 1.2-V to 3.6-V, 12-Bit, Nanopower, 4-Wire Micro Touch-Screen Controller With I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2007 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TSC2007 Datasheet HTML 2Page - Texas Instruments TSC2007 Datasheet HTML 3Page - Texas Instruments TSC2007 Datasheet HTML 4Page - Texas Instruments TSC2007 Datasheet HTML 5Page - Texas Instruments TSC2007 Datasheet HTML 6Page - Texas Instruments TSC2007 Datasheet HTML 7Page - Texas Instruments TSC2007 Datasheet HTML 8Page - Texas Instruments TSC2007 Datasheet HTML 9Page - Texas Instruments TSC2007 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
6
TSC2007-Q1
SBAS545A – SEPTEMBER 2011 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TSC2007-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
TA = –40°C to 85°C, VDD = 1.2 V to 3.6 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT AND OUTPUT
Logic family
CMOS
Logic level
VIH
1.2 V
≤ VDD < 1.6 V
0.7 × VDD
VDD + 0.3
V
1.6 V
≤ VDD ≤ 3.6 V
0.7 × VDD
VDD + 0.3
V
VIL
1.2 V
≤ VDD < 1.6 V
–0.3
0.2 × VDD
V
1.6 V
≤ VDD ≤ 3.6 V
–0.3
0.3 × VDD
V
IIL
SCL and SDA pins
–1
1
µA
CIN
(2)
SCL and SDA pins
10
pF
VOH
IOH = 2 TTL loads
VDD – 0.2
VDD
V
VOL
IOL = 2 TTL loads
0
0.2
V
ILEAK
Floating output
–1
1
µA
COUT
(2)
Floating output
10
pF
Data format
Straight binary
POWER-SUPPLY REQUIREMENTS
Quiescent supply current
(VDD with sensor off)
12-bit Fast mode
(clock = 400 kHz)
PD[1:0] = 0,0
VDD = 1.2 V, 32.56k eq rate
128
190
µA
VDD = 1.2 V, 8.2k eq rate
32.24
µA
VDD = 1.8 V, 34.42k eq rate
165
240
µA
VDD = 1.8 V, 8.2k eq rate
39.31
µA
VDD = 2.7 V, 34.79k eq rate
226.2
335
µA
VDD = 2.7 V, 8.2k eq rate
53.32
µA
Power down supply current
Not addressed, SCL = SDA = 1
0
0.8
µA
POWER-ON AND OFF SLOPE REQUIREMENTS (2)
VDD off ramp
TA = –40°C to 85°C
2
kV/s
VDD off time
TA = –40°C to 85°C, VDD = 0 V
1.2
s
TA = –20°C to 85°C, VDD = 0 V
0.3
s
VDD on ramp
TA = –40°C to 85°C
12
kV/s
6.6 Timing Requirements: Standard Mode (SCL = 100 kHz)
TA = –40°C to 85°C, VDD = 1.6 V (unless otherwise noted).
MIN
NOM
MAX
UNIT
fSCL
SCL clock frequency
0
100
kHz
tBUF
Bus free time between a STOP and START condition
4.7
µs
tHD, STA
Hold time (repeated) START condition
4
µs
tLOW
Low period of SCL clock
4.7
µs
tHIGH
High period of the SCL clock
4
µs
tSU, STA
Setup time for a repeated START condition
4.7
µs
tHD, DAT
Data hold time
0
3.45
µs
tSU, DAT
Data setup time
250
ns
tR
Rise time for both SDA and SCL signals
(receiving)
Cb = total bus capacitance
1000
ns
tF
Fall time for both SDA and
SCL signals
Receiving
Cb = total bus capacitance
300
ns
Transmitting
Cb = total bus capacitance
250
ns
tSU, STO
Setup time for STOP condition
4
µs
Cb
Capacitive load for each bus line
Cb = total capacitance of one bus line in pF
400
pF
Cycle time
8 bits
40 SCL + 127 CCLK, VDD = 1.8 V
434.7
µs
12 bits
49 SCL + 148 CCLK, VDD = 1.8 V
570.9
µs
Effective throughput
8 bits
VDD = 1.8 V
2.3
kSPS
12 bits
VDD = 1.8 V
1.75
kSPS
Equivalent rate = effective
throughput × 7
8 bits
VDD = 1.8 V
16.1
kHz
12 bits
VDD = 1.8 V
12.26
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com