Electronic Components Datasheet Search
  English  ▼

X  

TSC2007 Datasheet(PDF) 19 Page - Texas Instruments

Part # TSC2007
Description  TSC2007-Q1 1.2-V to 3.6-V, 12-Bit, Nanopower, 4-Wire Micro Touch-Screen Controller With I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2007 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TSC2007 Datasheet HTML 15Page - Texas Instruments TSC2007 Datasheet HTML 16Page - Texas Instruments TSC2007 Datasheet HTML 17Page - Texas Instruments TSC2007 Datasheet HTML 18Page - Texas Instruments TSC2007 Datasheet HTML 19Page - Texas Instruments TSC2007 Datasheet HTML 20Page - Texas Instruments TSC2007 Datasheet HTML 21Page - Texas Instruments TSC2007 Datasheet HTML 22Page - Texas Instruments TSC2007 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
Temperature( C)
°
-40
-20
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
20
40
60
80
100
RecommendedV
OffTime
forT = 40 Cto+85 C
-
°
°
DD
A
TypicalV
OffTimeforVariousTemperatures
DD
1.2Vto3.6V
0.9V
0.3V
0V
V
DD
t
VDD_OFF_RAMP
t
VDD_OFF
t
VDD_ON_RAMP
19
TSC2007-Q1
www.ti.com
SBAS545A – SEPTEMBER 2011 – REVISED DECEMBER 2016
Product Folder Links: TSC2007-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Power-On Reset (POR)
During TSC2007-Q1 power up, an internal power-on reset (POR) is automatically implemented. The POR brings
the TSC to the default working condition, and checks the A0 and A1 pins for the two LSBs of the I2C address.
The TSC2007-Q1 senses the power-up curve to decide whether or not to implement a POR.
It is required to follow the power-on and power-off slope and interval requirements, as provided in Electrical
Characteristics, to ensure a proper POR of the TSC2007-Q1. Review Important Considerations to Assure a Safe
POR to ensure a safe POR.
Figure 26. Power-On Reset Timing
Table 1. Timing Requirements for Figure 26
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VDD off ramp
TA = –40°C to 85°C
2
kV/s
VDD off time
TA = –40°C to 85°C, VDD = 0 V
1.2
s
TA = –20°C to 85°C, VDD = 0 V
0.3
s
VDD on ramp
TA = –40°C to 85°C
12
kV/s
Figure 27. VDD Off Time vs Temperature
7.5 Programming
7.5.1 I2C Interface
The TSC2007-Q1 supports the I2C serial bus and data transmission protocol in all three defined modes:
standard, fast, and high-speed. A device that sends data onto the bus is defined as a transmitter, and a device
receiving data as a receiver. The device that controls the message is called a master. The devices that are
controlled by the master are slaves. The bus must be controlled by a master device that generates the serial
clock (SCL), controls the bus access, and generates the START and STOP conditions. The TSC2007-Q1
operates as a slave on the I2C bus. Connections to the bus are made through the open-drain I/O lines, SDA, and
SCL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com