Electronic Components Datasheet Search
  English  ▼

X  

TSC2007 Datasheet(PDF) 5 Page - Texas Instruments

Part # TSC2007
Description  TSC2007-Q1 1.2-V to 3.6-V, 12-Bit, Nanopower, 4-Wire Micro Touch-Screen Controller With I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2007 Datasheet(HTML) 5 Page - Texas Instruments

  TSC2007 Datasheet HTML 1Page - Texas Instruments TSC2007 Datasheet HTML 2Page - Texas Instruments TSC2007 Datasheet HTML 3Page - Texas Instruments TSC2007 Datasheet HTML 4Page - Texas Instruments TSC2007 Datasheet HTML 5Page - Texas Instruments TSC2007 Datasheet HTML 6Page - Texas Instruments TSC2007 Datasheet HTML 7Page - Texas Instruments TSC2007 Datasheet HTML 8Page - Texas Instruments TSC2007 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5
TSC2007-Q1
www.ti.com
SBAS545A – SEPTEMBER 2011 – REVISED DECEMBER 2016
Product Folder Links: TSC2007-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
LSB means Least Significant Bit. With VDD/REF pin = 1.6 V, one LSB is 391 µV.
(2)
Not production tested. Specified by design.
(3)
Exceeding 50-mA source current may result in device degradation.
(4)
Difference between TEMP1 and TEMP2 measurement; no calibration necessary.
(5)
Temperature drift is –2.1 mV/°C.
6.5 Electrical Characteristics
TA = –40°C to 85°C, VDD = 1.2 V to 3.6 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUXILIARY ANALOG INPUT
Input voltage range
0
VDD
V
Input capacitance
12
pF
Input leakage current
–1
1
µA
A-D CONVERTER
Resolution
Programmable: 8 bits or 12 bits
12
Bits
No missing codes
12-bit resolution
11
Bits
Integral linearity
±1.5
LSB(1)
Offset error
VDD = 1.8 V
–1.2
LSB
VDD = 3 V
–3.1
LSB
Gain error
VDD = 1.8 V
0.7
LSB
VDD = 3 V
0.1
LSB
TOUCH SENSORS
PENIRQ pullup resistor, RIRQ
TA = 25°C, VDD = 1.8 V, command 1011 set 0000
51
kΩ
TA = 25°C, VDD = 1.8 V, command 1011 set 0001
90
kΩ
Switch ON
‑resistance
Y+, X+
6
Ω
Y–, X–
5
Ω
Switch drivers drive current(2)(3)
100-ms duration
50
mA
INTERNAL TEMPERATURE SENSOR
Temperature range
–40
85
°C
Resolution
Differential method(4)
VDD = 3 V
1.94
°C/LSB
VDD = 1.6 V
1.04
°C/LSB
TEMP1(5)
VDD = 3 V
0.35
°C/LSB
VDD = 1.6 V
0.19
°C/LSB
Accuracy
Differential method(4)
VDD = 3 V
±2
°C/LSB
VDD = 1.6 V
±2
°C/LSB
TEMP1(5)
VDD = 3 V
±3
°C/LSB
VDD = 1.6 V
±3
°C/LSB
INTERNAL OSCILLATOR
Internal clock frequency, fCCLK
8-Bit
VDD = 1.2 V
3.19
MHz
VDD = 1.8 V
3.66
MHz
VDD = 2.7 V
3.78
MHz
VDD = 3.6 V
3.82
MHz
12-Bit
VDD = 1.2 V
1.6
MHz
VDD = 1.8 V
1.83
MHz
VDD = 2.7 V
1.88
MHz
VDD = 3.6 V
1.91
MHz
Frequency drift
VDD = 1.6 V
0.0056
%/°C
VDD = 3 V
0.012
%/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com