| Electronic Components Datasheet Search |
|
TSC2007 Datasheet(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TSC2007 Datasheet(HTML) 22 Page - Texas Instruments |
|
22 / 43 page ![]() 8-BitMasterCode00001xxx S IfPthen FastorStandardMode IfSr(dottedlines) thenHigh-SpeedMode 1 6 7 8 9 2to5 2to5 1 6 7 8 9 1 6 7 8 9 2to5 SDA SCL SDA SCL Sr =CurrentSourcePull-Up =ResistorPull-Up A=Acknowledge(SD LOW A ) N=NotAckno ledge w (SDAHIGH) S START = Condition P=STOP Con iion d t Sr=RepeatedSTAR Cond T iti n o N t H t H High-SpeedMode FastorStandardMode t FS Sr P 7-BitSlaveAddress R/ W A nx(8-BitDATA + A/N) 22 TSC2007-Q1 SBAS545A – SEPTEMBER 2011 – REVISED DECEMBER 2016 www.ti.com Product Folder Links: TSC2007-Q1 Submit Documentation Feedback Copyright © 2011–2016, Texas Instruments Incorporated Programming (continued) After the not-acknowledge bit (N) and SCL have been pulled up to a HIGH level, the master switches to HS mode and enables the current-source pullup circuit for SCL (at time tH shown in Figure 29). Because other devices can delay the serial transfer before tH by stretching the LOW period of SCL, the master enables the current-source pullup circuit when all devices have released SCL, and SCL has reached a HIGH level, thus speeding up the last part of the rise time of the SCL. The master then sends a repeated START condition (Sr) followed by a 7-bit slave address with a R/W bit address, and receives an acknowledge bit (A) from the selected slave. After a repeated START (Sr) condition and after each acknowledge bit (A) or not-acknowledge bit (N), the master disables its current-source pullup circuit. This disabling enables other devices, such as the TSC2007-Q1, to delay the serial transfer (until the converted data are stored in the TSC internal shift register) by stretching the LOW period of SCL. The master re- enables its current-source pullup circuit again when all devices have released SCL, and SCL reaches a HIGH level, which speeds up the last part of the SCL signal rise time. Data transfer continues in HS mode after the next repeated START (Sr), and only switches back to F/S mode after a STOP condition (P). To reduce the overhead of the master code, it is possible for the master to link a number of HS-mode transfers, separated by repeated START conditions (Sr). Figure 29. Complete High-Speed Mode Transfer 7.5.2 Digital Interface 7.5.2.1 Address Byte The TSC2007-Q1 has a 7-bit slave address word. The first five bits (MSBs) of the slave address are factory- preset to comply with the I2C standard for A-D converters and are always set at 10010. The logic state of the address input pins (A1–A0) determines the two LSBs of the device address to activate communication. Therefore, a maximum of four devices with the same preset code can be connected on the same bus at one time. The A1–A0 address inputs are read whenever an address byte is received, and must be connected to the supply pin (VDD/REF) or the ground pin (GND). The slave address is latched into the TSC2007-Q1 on the falling edge of SCL after the R/W bit has been received by the slave. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |