Electronic Components Datasheet Search
  English  ▼

X  

TSC2007 Datasheet(PDF) 26 Page - Texas Instruments

Part # TSC2007
Description  TSC2007-Q1 1.2-V to 3.6-V, 12-Bit, Nanopower, 4-Wire Micro Touch-Screen Controller With I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2007 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TSC2007 Datasheet HTML 22Page - Texas Instruments TSC2007 Datasheet HTML 23Page - Texas Instruments TSC2007 Datasheet HTML 24Page - Texas Instruments TSC2007 Datasheet HTML 25Page - Texas Instruments TSC2007 Datasheet HTML 26Page - Texas Instruments TSC2007 Datasheet HTML 27Page - Texas Instruments TSC2007 Datasheet HTML 28Page - Texas Instruments TSC2007 Datasheet HTML 29Page - Texas Instruments TSC2007 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
SDA
SCL
1
0
0
1
0
A1 A0 R/W
1
0
D11 D10
D9 D8 D7 D6 D5 D4
0
D3 D2 D1
D0
0
0
0
0
1
START
TSC2007
ACK
MASTER
ACK
MASTER
NACK
STOPor
Repeated
START
AddressByte
DataByte1
DataByte2
26
TSC2007-Q1
SBAS545A – SEPTEMBER 2011 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TSC2007-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Figure 31. Complete I2C Serial Read Transmission
7.5.2.5 Throughput Rate and I2C Bus Traffic
Although the internal A-D converter has a sample rate of up to 200 kSPS, the throughput presented at the bus is
much lower. The rate is reduced because preprocessing manages the redundant work of filtering out noise. The
throughput is further limited by the I2C bus bandwidth. The effective throughput is approximately 20 kSPS at 8-bit
resolution, or 10 kSPS at 12-bit resolution. This preprocessing saves a large portion of the I2C bandwidth for the
system to use on other devices.
Each sample and conversion takes 19 CCLK cycles (12-bit), or 16 CCLK cycles (8-bit). For a typical internal 4-
MHz OSC clock, the frequency actually ranges from 3.66 MHz to 3.82 MHz. For VDD = 1.2 V, the frequency
reduces to 3.19 MHz, which gives a 3.19 MHz / 16 = 199 kSPS raw A-D converter sample rate.
7.5.2.5.1
12-Bit Operation
For 12-bit operation, sending the conversion result across the I2C bus takes 49 bus clocks (SCL clock). Each
write cycle takes 20 I2C cycles (START, STOP, address byte, 2 ACKs, and command byte). Each read cycle
takes 29 I2C cycles (START, STOP, address byte, 3 ACKs, and data bytes 1 and 2). Seven sample-and-convert
operations take 19 × 7 internal clocks to complete. The MAV filter loop requires 19 internal clocks. For VDD = 1.2
V, the complete processed data cycle time calculations are shown in Table 6. Because the first acquisition cycle
overlaps with the I/O cycle, four CCLKs must be deducted from the total CCLK cycles. For 12-bit mode, (19 × 7 +
19) – 4 = 148 CCLKs plus I/O are required.
7.5.2.5.2
8-Bit Operation
For 8-bit operation, sending the conversion result across the I2C bus takes 40 bus clocks (SCL clock). Each write
cycle takes 20 I2C cycles (START, STOP, address byte, 2 ACKs, and command byte). Each read cycle takes 20
I2C cycles (START, STOP, address byte, 2 ACKs, and data byte 1). Seven sample-and-convert operations takes
16×7 internal clocks to complete. The MAV filter loop requires 19 internal clocks. For VDD = 1.2 V, the complete
processed data cycle time calculations are shown in Table 6. Because the first acquisition cycle overlaps with the
I/O cycle, four CCLKs must be deducted from the total CCLK cycles. For 8-bit mode, (16 × 7 + 19) – 4 = 127
CCLKs plus I/O are required.
Table 6. Measurement Cycle Time Calculations
STANDARD MODE: 100 kHz (Period = 10 µs)
8-Bit
40 × 10 µs + 127 × 313 ns = 439.8 µs (2.27 kSPS through the I2C bus)
12-Bit
49 × 10 µs + 148 × 625 ns = 582.5 µs (1.72 kSPS through the I2C bus)
FAST MODE: 400 kHz (Period = 2.5 µs)
8-Bit
40 × 2.5 µs + 127 × 313 ns = 139.8 µs (7.15 kSPS through the I2C bus)
12-Bit
49 × 2.5 µs + 148 × 625 ns = 215 µs (4.65 kSPS through the I2C bus)
HIGH-SPEED MODE: 1.7 MHz (Period = 588 ns)
8-Bit
40 × 588 ns + 127 × 313 ns = 63.3 µs (15.79 kSPS through the I2C bus)
12-Bit
49 × 588 ns + 148 × 625 ns = 121.3 µs (8.24 kSPS through the I2C bus)
HIGH-SPEED MODE: 3.4 MHz (Period = 294 ns)
8-Bit
40 × 294 ns + 127 × 313 ns = 51.6 µs (19.39 kSPS through the I2C bus)
12-Bit
49 × 294 ns + 148 × 625 ns = 106.9 µs (9.35 kSPS through the I2C bus)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com