Electronic Components Datasheet Search
  English  ▼

X  

TSC2007 Datasheet(PDF) 23 Page - Texas Instruments

Part # TSC2007
Description  TSC2007-Q1 1.2-V to 3.6-V, 12-Bit, Nanopower, 4-Wire Micro Touch-Screen Controller With I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2007 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TSC2007 Datasheet HTML 19Page - Texas Instruments TSC2007 Datasheet HTML 20Page - Texas Instruments TSC2007 Datasheet HTML 21Page - Texas Instruments TSC2007 Datasheet HTML 22Page - Texas Instruments TSC2007 Datasheet HTML 23Page - Texas Instruments TSC2007 Datasheet HTML 24Page - Texas Instruments TSC2007 Datasheet HTML 25Page - Texas Instruments TSC2007 Datasheet HTML 26Page - Texas Instruments TSC2007 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
23
TSC2007-Q1
www.ti.com
SBAS545A – SEPTEMBER 2011 – REVISED DECEMBER 2016
Product Folder Links: TSC2007-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Programming (continued)
The last bit of the address byte (R/W) defines the operation to be performed. When set to a 1, a read operation is
selected; when set to a zero, a write operation is selected. Following the START condition, the TSC2007-Q1
monitors the SDA bus, checking the device type identifier being transmitted. Upon receiving the 10010 code, the
appropriate device select bits, and the R/W bit, the slave device outputs an acknowledge signal on the SDA line.
Table 2. I2C Slave Address Byte
MSB
D7
D6
D5
D4
D3
D2
D1
LSB
D0
1
0
0
1
0
A1
A0
R/W
(1)
The command byte definition for the setup command is shown in Table 5.
Bit D0: R/W
1: I2C master read from TSC (I2C read addressing).
0: I2C master write to TSC (I2C write addressing).
7.5.2.2 Command Byte
Table 3. Command Byte Definition (Excluding the Setup Command)(1)
BIT
NAME
DESCRIPTION
D7–D4
C3–C0
Converter function select bits: These bits select the input to be converted and the converter function to be
executed, activate the drivers, and configure the PENIRQ pullup resistor (RIRQ). Table 4 lists the possible
converter functions.
All Converter Function Select bits as detailed in Table 4, except for the setup command (1011).
D3–D2
PD1–PD0
Power-down bits: These two bits select the power-down mode that the TSC2007-Q1 enters after the current
command completes, as shown in Table 3.
It is recommended to set PD0 = 0 in each command byte to get the lowest power consumption possible. If
multiple X, Y, and Z position measurements are done one right after another (such as when averaging),
PD0 = 1 leaves the touch screen drivers on at the end of each conversion cycle.
00: Power down between cycles. PENIRQ enabled.
01: A-D converter on. PENIRQ disabled.
10: A-D converter off. PENIRQ enabled.
11: A-D converter on. PENIRQ disabled.
D1
M
Mode bit
0: 12-bit (Lower speed referred to as the 2-MHz clock).
1: 8-bit (Higher speed referred to as the 4-MHz clock).
D0
X
Do not care.
When the TSC2007-Q1 powers up, the power-down bits must be written to ensure that the device is placed into
the mode that achieves the lowest power. Therefore, immediately after power up, send a command byte that sets
PD1 = PD0 = 0, so that the device is in the lowest power mode, powering down between conversions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com