Electronic Components Datasheet Search
  English  ▼

X  

TSC2007 Datasheet(PDF) 27 Page - Texas Instruments

Part # TSC2007
Description  TSC2007-Q1 1.2-V to 3.6-V, 12-Bit, Nanopower, 4-Wire Micro Touch-Screen Controller With I2C Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2007 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TSC2007 Datasheet HTML 23Page - Texas Instruments TSC2007 Datasheet HTML 24Page - Texas Instruments TSC2007 Datasheet HTML 25Page - Texas Instruments TSC2007 Datasheet HTML 26Page - Texas Instruments TSC2007 Datasheet HTML 27Page - Texas Instruments TSC2007 Datasheet HTML 28Page - Texas Instruments TSC2007 Datasheet HTML 29Page - Texas Instruments TSC2007 Datasheet HTML 30Page - Texas Instruments TSC2007 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
27
TSC2007-Q1
www.ti.com
SBAS545A – SEPTEMBER 2011 – REVISED DECEMBER 2016
Product Folder Links: TSC2007-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
As an example, use VDD = 1.2 V and 12-bit mode with the Fast-mode I
2C clock (f
SCL = 400 kHz). The equivalent
TSC throughput is at least seven times faster than the effective throughput across the bus (4.65 k × 7 = 32.55
kSPS). The supply current to the TSC for this rate and configuration is 128 µA. To achieve an equivalent sample
throughput of 8.2 kSPS using the device without preprocessing, the TSC2007-Q1 consumes only (8.2 or 32.55)
× 128 µA = 32.24 µA.
Table 7. Effective and Equivalent Throughput Rates
SUPPLY
VOLTAGE
I2C BUS
SPEED (fSCL)
RESOLUTION
TSC
CONVERSION
CYCLE TIME (µs)
EFFECTIVE
THROUGHPUT
(kSPS)
EQUIVALENT
THROUGHPUT
(kSPS)
SCL
CYCLES
CCLK
CYCLES
fCCLK
(kHz)
CCLK
PERIODS
(ns)
2.7 V
100 kHz
Standard
8-bit
433.6
2.31
16.14
40
127
3780
264.6
12-bit
568.7
1.76
12.31
49
148
1880
531.9
400 kHz
Fast
8-bit
133.6
7.49
52.4
40
127
3780
264.6
12-bit
201.2
4.97
34.79
49
148
1880
531.9
1.7 MHz
High-Speed
8-bit
57.1
17.5
122.53
40
127
3780
264.6
12-bit
107.5
9.3
65.09
49
148
1880
531.9
3.4 MHz
High-Speed
8-bit
45.4
22.04
154.31
40
127
3780
264.6
12-bit
93.1
10.74
75.16
49
148
1880
531.9
1.8 V
100 kHz
Standard
8-bit
434.7
2.3
16.1
40
127
3660
273.2
12-bit
570.9
1.75
12.26
49
148
1830
546.4
400 kHz
Fast
8-bit
134.7
7.42
51.97
40
127
3660
273.2
12-bit
203.4
4.92
34.42
49
148
1830
546.4
1.7 MHz
High-Speed
8-bit
58.2
17.17
120.22
40
127
3660
273.2
12-bit
109.7
9.12
63.81
49
148
1830
546.4
3.4 MHz
High-Speed
8-bit
46.5
21.52
150.65
40
127
3660
273.2
12-bit
95.3
10.49
73.46
49
148
1830
546.4
1.2 V
100 kHz
Standard
8-bit
439.8
2.27
15.92
40
127
3190
313.5
12-bit
582.5
1.72
12.02
49
148
1600
625
400 kHz
Fast
8-bit
139.8
7.15
50.07
40
127
3190
313.5
12-bit
215
4.65
32.56
49
148
1600
625
1.7 MHz
High-Speed
8-bit
63.3
15.79
110.51
40
127
3190
313.5
12-bit
121.3
8.24
57.7
49
148
1600
625
3.4 MHz
High-Speed
8-bit
51.6
19.39
135.72
40
127
3190
313.5
12-bit
106.9
9.35
65.47
49
148
1600
625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com