Electronic Components Datasheet Search
  English  ▼

X  

PCM1870 Datasheet(PDF) 25 Page - Texas Instruments

Part # PCM1870
Description  16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1870 Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM1870 Datasheet HTML 21Page - Texas Instruments PCM1870 Datasheet HTML 22Page - Texas Instruments PCM1870 Datasheet HTML 23Page - Texas Instruments PCM1870 Datasheet HTML 24Page - Texas Instruments PCM1870 Datasheet HTML 25Page - Texas Instruments PCM1870 Datasheet HTML 26Page - Texas Instruments PCM1870 Datasheet HTML 27Page - Texas Instruments PCM1870 Datasheet HTML 28Page - Texas Instruments PCM1870 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
www.ti.com
PCM1870
SLAS544A – MAY 2007 – REVISED SEPTEMBER 2007
Register 73
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 73
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
PBIS
RSV
RSV
RSV
RSV
RSV
RSV
RSV
IDX[6:0]: 100 1001b (49h) Register 73
PBIS: Power Up/Down Control for Bias
Default value: 0
This bit is used to control power up/down for the analog bias circuit.
PBIS = 0
Power down (default)
PBIS = 1
Power up
Register 74
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 74
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
RSV
RSV
RSV
RSV
RSV
PCOM
IDX[6:0]: 100 1010b (4Ah) Register 74
PCOM: Power Up/Down Control for VCOM
Default value: 0
This bit is used to control power up/down for VCOM.
PCOM = 0
Power down (default)
PCOM = 1
Power up
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): PCM1870



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com