Electronic Components Datasheet Search
  English  ▼

X  

PCM1870 Datasheet(PDF) 27 Page - Texas Instruments

Part # PCM1870
Description  16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1870 Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCM1870 Datasheet HTML 23Page - Texas Instruments PCM1870 Datasheet HTML 24Page - Texas Instruments PCM1870 Datasheet HTML 25Page - Texas Instruments PCM1870 Datasheet HTML 26Page - Texas Instruments PCM1870 Datasheet HTML 27Page - Texas Instruments PCM1870 Datasheet HTML 28Page - Texas Instruments PCM1870 Datasheet HTML 29Page - Texas Instruments PCM1870 Datasheet HTML 30Page - Texas Instruments PCM1870 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
www.ti.com
PCM1870
SLAS544A – MAY 2007 – REVISED SEPTEMBER 2007
Register 81
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 81
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
HPF1
HPF0
RMUL RMUR
RSV
DSMC
RFM1
RFM0
IDX[6:0]: 101 0001b (51h) Register 81
HPF[1:0]: High-Pass Filter Selection
Default value: 00
The PCM1870 has a digital high-pass filter to remove dc voltage at the input of the ADC. The cutoff frequency of
the high-pass filter can be selected.
HPF[1:0]
High Pass Filter Selection
0 0
fC = 4 Hz at 48 kHz (default)
0 1
fC = 240 Hz at 48 kHz
1 0
fC = 120 Hz at 48 kHz
1 1
High-pass filter disabled
RMUL: Digital Soft Mute Control for ADC L-Channel
RMUR: Digital Soft Mute Control for ADC R-Channel
Default value: 1
The digital output of the ADC can be independently muted or unmuted. The transition from the current volume
level to mute, or the return to the previous volume setting from mute, occurs at the rate of one 1-dB step for each
8/fS time period. When RMUL and RMUR = 0, the digital data is increased from mute to the previous attenuation
level, and when RMUL and RMUR = 1, the digital data is decreased from the current attenuation level to mute. In
the PCM1870, audible zipper noise can be reduced by using zero-cross detection (register 85, ZCRS).
RMUL, RMUR = 0
Mute disabled
RMUL, RMUR = 1
Mute enabled (default)
DSMC: Waiting Time Turn ADC Mute Off at Power Up
Default value: 0
ADC digital output has waiting time at power up when DSMC = 0. It is recommended to set DSMC = 0.
DSMC = 0
10 ms at 48 kHz (default)
DSMC = 1
No wait
RFM[1:0]: Audio Interface Selection for ADC (Digital Output)
Default value: 00
The audio interface format for ADC digital output has I2S, right-justified, left-justified, and DSP formats.
RFM[1:0]
Audio Interface Selection for ADC Digital Output
0 0
I2S (default)
0 1
Right-justified
1 0
Left-justified
1 1
DSP mode
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): PCM1870



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com