Electronic Components Datasheet Search
  English  ▼

X  

PCM1870 Datasheet(PDF) 10 Page - Texas Instruments

Part # PCM1870
Description  16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1870 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM1870 Datasheet HTML 6Page - Texas Instruments PCM1870 Datasheet HTML 7Page - Texas Instruments PCM1870 Datasheet HTML 8Page - Texas Instruments PCM1870 Datasheet HTML 9Page - Texas Instruments PCM1870 Datasheet HTML 10Page - Texas Instruments PCM1870 Datasheet HTML 11Page - Texas Instruments PCM1870 Datasheet HTML 12Page - Texas Instruments PCM1870 Datasheet HTML 13Page - Texas Instruments PCM1870 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
www.ti.com
PG3/PG4 Gain – dB
G009
40
50
60
70
85
90
100
0
5
15
10
20
25
30
Single Input
Differential Input
f
= 1 kHz
IN
PG3/PG4 Gain – dB
G010
40
45
65
60
55
50
70
75
80
85
90
0
5
15
10
20
25
30
Single Input
Differential Input
f
= 1 kHz
IN
Power Supply – V
G011
0.007
0.008
0.009
0.010
0.011
0.012
87
88
89
90
91
92
2
2.5
3.5
3
4
f
= 1 kHz
IN
THD+N
SNR
PCM1870
SLAS544A – MAY 2007 – REVISED SEPTEMBER 2007
TYPICAL PERFORMANCE CURVES (continued)
All specifications at TA = 25°C, VDD = VIO = VCC = VPA = 3.3 V, fS = 48 kHz, system clock = 256 fS and 16-bit data, unless
otherwise noted.
ADC SNR AT HIGH GAIN (PG1/PG2 = 0 dB)
ADC SNR AT HIGH GAIN (PG1/PG2 = 20 dB)
Figure 10.
Figure 11.
THD+N/SNR vs POWER SUPPLY
(ADC TO DIGITAL OUTPUT)
Figure 12.
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): PCM1870



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com