Electronic Components Datasheet Search
  English  ▼

X  

PCM1870 Datasheet(PDF) 35 Page - Texas Instruments

Part # PCM1870
Description  16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1870 Datasheet(HTML) 35 Page - Texas Instruments

Back Button PCM1870 Datasheet HTML 31Page - Texas Instruments PCM1870 Datasheet HTML 32Page - Texas Instruments PCM1870 Datasheet HTML 33Page - Texas Instruments PCM1870 Datasheet HTML 34Page - Texas Instruments PCM1870 Datasheet HTML 35Page - Texas Instruments PCM1870 Datasheet HTML 36Page - Texas Instruments PCM1870 Datasheet HTML 37Page - Texas Instruments PCM1870 Datasheet HTML 38Page - Texas Instruments PCM1870 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
www.ti.com
PCM1870
SLAS544A – MAY 2007 – REVISED SEPTEMBER 2007
Register 90
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 90
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
RSV
RSV
RSV
RSV
G20R
G20L
IDX[6:0]: 101 1010b (5Ah) Register 90
G20R: 20-dB Boost for PG2 (Gain Amplifier for AIN1R and AIN2R)
Default value: 0
This bit is used to boost the microphone signal when the analog input is small.
G12R
G20R
PG2 GAIN
(REGISTER 124)
(REGISTER 90)
0
0
0 dB (default)
0
1
20 dB
1
0
12 dB
1
1
Reserved
G20L: 20 dB Boost for PG1 (Gain Amplifier for AIN1L and AIN2L)
Default value: 0
This bit is used to boost the microphone signal when the analog input is small.
G12L
G20L
PG1 GAIN
(REGISTER 124)
(REGISTER 90)
0
0
0 dB (default)
0
1
20 dB
1
0
12 dB
1
1
Reserved
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): PCM1870



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com