Electronic Components Datasheet Search
  English  ▼

X  

PCM1870 Datasheet(PDF) 44 Page - Texas Instruments

Part # PCM1870
Description  16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1870 Datasheet(HTML) 44 Page - Texas Instruments

Back Button PCM1870 Datasheet HTML 40Page - Texas Instruments PCM1870 Datasheet HTML 41Page - Texas Instruments PCM1870 Datasheet HTML 42Page - Texas Instruments PCM1870 Datasheet HTML 43Page - Texas Instruments PCM1870 Datasheet HTML 44Page - Texas Instruments PCM1870 Datasheet HTML 45Page - Texas Instruments PCM1870 Datasheet HTML 46Page - Texas Instruments PCM1870 Datasheet HTML 47Page - Texas Instruments PCM1870 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
www.ti.com
BOARD DESIGN AND LAYOUT CONSIDERATIONS
VCC, VDD, and VIO Pins
AGND and DGND Pins
AIN1L, AIN1R, AIN2L, and AIN2R Pins
AOL, AOR, PGINL, and PGINR Pins
VCOM Pin
BCK (Master Mode) and DOUT Pins
PCM1870
SLAS544A – MAY 2007 – REVISED SEPTEMBER 2007
The digital and analog power supply lines to the PCM1870 should be bypassed to the corresponding ground pins
with 0.1- to 4.7-
μF ceramic capacitors or electrolytic capacitors, placed as close to the pins as possible to
maximize the dynamic performance of ADC.
To maximize the dynamic performance of the PCM1870, the analog and digital grounds are not connected
internally. These grounds should have very low impedance to avoid digital noise feeding back into the analog
ground. So, they should be connected directly to each other under the part to reduce the potential of noise
problems.
AIN1L, AIN1R, AIN2L, and AIN2R are single-ended inputs. AIN1L and AIN1R can also be used as a monaural
differential input. The anti-aliasing low-pass filters are integrated on these inputs to remove the out-of-band noise
from the audio. If the performance of these filters is not good enough for an application, appropriate external
anti-aliasing filters are needed. The passive RC filter (100
Ω and 0.01 μF to 1 kΩ and 1000 pF) is used in
general. Any pins that are not used in an application should be left open. Do not select open pins through
register settings.
When AIN1L, AIN1R, AIN2L, and AIN2R pins are used as microphone inputs with high gain, AOL and AOR may
have a large dc offset. It is recommended to locate a dc-blocking capacitor (1- to 10-
μF capacitor) between
AOL/AOR and PGINL/PGINR. If an application is not affected by dc offset, the PCM1870 does not need the
capacitors.
1-
μF to 4.7-μF capacitor is recommended between VCOM and AGND to ensure low source impedance for the
ADC common voltage. This capacitor should be located as close as possible to the VCOM pin to reduce dynamic
errors on the ADC common voltage.
BCK in the master mode and DOUT have adequate load drive capability, but if the BCK and DOUT lines are
long, locating a buffer near the PCM1870 and minimizing load capacitance is recommended in order to minimize
crosstalk between digital and analog circuits, maximize the dynamic performance of the ADC, and reduce power
consumption.
44
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): PCM1870



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com