Electronic Components Datasheet Search
  English  ▼

X  

PCM1870 Datasheet(PDF) 43 Page - Texas Instruments

Part # PCM1870
Description  16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1870 Datasheet(HTML) 43 Page - Texas Instruments

Back Button PCM1870 Datasheet HTML 39Page - Texas Instruments PCM1870 Datasheet HTML 40Page - Texas Instruments PCM1870 Datasheet HTML 41Page - Texas Instruments PCM1870 Datasheet HTML 42Page - Texas Instruments PCM1870 Datasheet HTML 43Page - Texas Instruments PCM1870 Datasheet HTML 44Page - Texas Instruments PCM1870 Datasheet HTML 45Page - Texas Instruments PCM1870 Datasheet HTML 46Page - Texas Instruments PCM1870 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
www.ti.com
CONNECTION DIAGRAM
S0262-01
BCK (13,F1)
SCKI(12,F2)
LRCK (14,E1)
DOUT (8,F4)
MODE (4,D2)
MS/ADR (5,D3)
MD/SDA (6,D4)
MC/SCL (7,E4)
(19,B2)PGINL
(17,B1)PGINR
AIN1L (21, A2)
AIN1R (20, A1)
AIN2L (3,C4)
AIN2R (2,C3)
V
(1, A4)
COM
MICB (22, A3)
(18,C2) AOL
(16,C1) AOR
C
6
C
1
C
2
C
3
C
4
C
5
R
1
R
2
C
8
C
7
C
9
C
10
(23,B3)V
CC
(24,B4) AGND
(10,F3)V
DD
(11,E2) DGND
(9,E3)V
IO
TEST (15,D1)
ToRegulator
LoworHigh
PCM1870
PCM1870
SLAS544A – MAY 2007 – REVISED SEPTEMBER 2007
Figure 24. Connection Diagram
Table 10. Recommended External Parts
C1–C4
1
μF–10 μF
C9, C10
1
μF–10 μF
C5
1
μF–4.7 μF
R1, R2
2.2 k
Ω
C6
0.1
μF
C7
1
μF
C8
1
μF–4.7 μF
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): PCM1870



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com