Electronic Components Datasheet Search
  English  ▼

X  

PCM1870 Datasheet(PDF) 40 Page - Texas Instruments

Part # PCM1870
Description  16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1870 Datasheet(HTML) 40 Page - Texas Instruments

Back Button PCM1870 Datasheet HTML 36Page - Texas Instruments PCM1870 Datasheet HTML 37Page - Texas Instruments PCM1870 Datasheet HTML 38Page - Texas Instruments PCM1870 Datasheet HTML 39Page - Texas Instruments PCM1870 Datasheet HTML 40Page - Texas Instruments PCM1870 Datasheet HTML 41Page - Texas Instruments PCM1870 Datasheet HTML 42Page - Texas Instruments PCM1870 Datasheet HTML 43Page - Texas Instruments PCM1870 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
www.ti.com
PCM1870
SLAS544A – MAY 2007 – REVISED SEPTEMBER 2007
Register 96
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 96
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
NEN2
NEN1
NUP2
NUP1
RSV
RSV
RSV
MXEN
IDX[6:0]: 110 0000b (60h) Register 96
NEN2: Second-Stage Notch Filter Enable
Default value: 0
The PCM1870 has a two-stage notch filter. The two stages can separately set filter characteristics. This bit is
used to enable the second stage.
NEN2 = 0
Disabled (default)
NEN2 = 1
Enabled
NEN1: First-Stage Notch Filter Enable
Default value: 0
The PCM1870 has a two-stage notch filter. The two stages can separately set filter characteristics. This bit is
used to enable the first stage.
NEN1 = 0
Disabled (default)
NEN1 = 1
Enabled
NUP2: Second-Stage Notch Filter Coefficients Update
Default value: 0
This bit is used to update the coefficients for the second-stage notch filter. The coefficients written to registers
101, 102, 103, 104 are updated when NUP2 = 1.
NUP2 = 0
No update (default)
NUP2 = 1
Update
NUP1: First-Stage Notch Filter Coefficients Update
Default value: 0
This bit is used to update the coefficients for the first-stage notch filter. The coefficients written to registers 97,
98, 99, 100 are updated when NUP1 = 1.
NUP1 = 0
No update (default)
NUP1 = 1
Update
MXEN: Digital Monaural Mixing
Default value: 0
This bit is used to enable or disable monaural mixing in the section that combines L-ch and R-ch digital data.
MXEN = 0
Disabled (stereo, default)
MXEN = 1
Enabled (monaural mixing)
40
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): PCM1870



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com