Electronic Components Datasheet Search
  English  ▼

X  

LM5035 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM5035
Description  LM5035 PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM5035 Datasheet HTML 18Page - Texas Instruments LM5035 Datasheet HTML 19Page - Texas Instruments LM5035 Datasheet HTML 20Page - Texas Instruments LM5035 Datasheet HTML 21Page - Texas Instruments LM5035 Datasheet HTML 22Page - Texas Instruments LM5035 Datasheet HTML 23Page - Texas Instruments LM5035 Datasheet HTML 24Page - Texas Instruments LM5035 Datasheet HTML 25Page - Texas Instruments LM5035 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
LM5035
VPWR
50
0.1 2F
VIN
LM5035
SNVS428H – JANUARY 2006 – REVISED OCTOBER 2015
www.ti.com
8.2.1 Design Requirements
Table 1 lists example design parameters for the application circuit layout in Figure 15.
Table 1. Design Parameters
PARAMETER
MIN
NOM
MAX
UNIT
Input voltage (VIN)
36
72
V
Output voltage (VOUT)
3.3
V
Output current (IOUT)
0
30
A
Switching frequency
400
kHz
Efficiency (full load)
89%
Efficiency (half load)
92%
Load regulation
0.2%
Line regulation
0.1%
undervoltage lock-out (ON)
33.9
V
undervoltage lock-out (OFF)
31.9
V
Line overvoltage protection (ON)
79.4
V
Line overvoltage protection (OFF)
78.3
V
8.2.2 Detailed Design Procedure
8.2.2.1 VIN
The voltage applied to the VIN pin, which may be the same as the system voltage applied to the power
transformer primary (VPWR), can vary in the range from 13 V to 105 V. The current into VIN depends primarily on
the gate charge provided to the output drivers, the switching frequency, and any external loads on the VCC and
REF pins. It is recommended the filter shown in Figure 16 be used to suppress transients which may occur at the
input supply. This is particularly important when VIN is operated close to the maximum operating rating of the
LM5035.
When power is applied to VIN and the UVLO pin voltage is greater than 0.4 V, the VCC regulator is enabled and
supplies current into an external capacitor connected to the VCC pin. When the voltage on the VCC pin reaches
the regulation point of 7.6 V, the voltage reference (REF) is enabled. The reference regulation set point is 5 V.
The HO, LO, SR1, and SR2 outputs are enabled when the two bias regulators reach their set point and the
UVLO pin potential is greater than 1.25 V. In typical applications, an auxiliary transformer winding is connected
through a diode to the VCC pin. This winding must raise the VCC voltage above 8.3 V to shut off the internal
start-up regulator.
After the outputs are enabled and the external VCC supply voltage has begun supplying power to the IC, the
current into VIN drops below 1 mA. VIN must remain at a voltage equal to or above the VCC voltage to avoid
reverse current through protection diodes.
Figure 16. Input-Transient Protection
22
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM5035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com