Electronic Components Datasheet Search
  English  ▼

X  

LM5035 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5035
Description  LM5035 PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5035 Datasheet HTML 3Page - Texas Instruments LM5035 Datasheet HTML 4Page - Texas Instruments LM5035 Datasheet HTML 5Page - Texas Instruments LM5035 Datasheet HTML 6Page - Texas Instruments LM5035 Datasheet HTML 7Page - Texas Instruments LM5035 Datasheet HTML 8Page - Texas Instruments LM5035 Datasheet HTML 9Page - Texas Instruments LM5035 Datasheet HTML 10Page - Texas Instruments LM5035 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LM5035
www.ti.com
SNVS428H – JANUARY 2006 – REVISED OCTOBER 2015
Electrical Characteristics (continued)
VVIN = 48 V, VVCC = 10 V externally applied, RRT = 15.0 kΩ, RDLY = 27.4 kΩ, VUVLO = 3 V, VOVP = 0 V unless otherwise
stated
(1)(2).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PWM CONTROLLER (COMP PIN)
Delay to output
TJ = 25°C
80
ns
TJ = 25°C
1
VPWM-OS
SS to RAMP offset
V
TJ = –40°C to 125°C
0.7
1.2
Minimum duty cycle
SS = 0 V, TJ = 25°C
0%
ICOMP = 600 µA, COMP current to PWM voltage,
Small signal impedance
5000
Ω
TJ = 25°C
MAIN OUTPUT DRIVERS (HO and LO PINS)
TJ = 25°C
0.25
IOUT = 50 mA, VHB – VHO,
Output high voltage
V
VVCC – VLO
TJ = –40°C to 125°C
0.5
TJ = 25°C
0.2
Output low voltage
IOUT = 100 mA
V
TJ = –40°C to 125°C
0.5
Rise time
CLOAD = 1 nF, TJ = 25°C
15
ns
Fall time
CLOAD = 1 nF, TJ = 25°C
13
ns
TJ = 25°C
70
Dead time, HO to LO, LO
VDLY = VREF, ICOMP = 0 mA
ns
to HO
TJ = –40°C to 125°C
45
100
Peak source current
VHO,LO = 0 V, VVCC = 10 V , TJ = 25°C
1.25
A
Peak sink current
VHO,LO = 10 V, VVCC = 10 V, TJ = 25°C
2
A
VOLTAGE FEEDFORWARD (RAMP PIN)
TJ = 25°C
2.5
RAMP comparator
COMP current = 0
V
threshold
TJ = –40°C to 125°C
2.4
2.6
SYNCHRONOUS RECTIFIER DRIVERS (SR1, SR2)
TJ = 25°C
0.1
IOUT = 10 mA, VVCC – VSR1,
Output high voltage
V
VVCC – VSR2
TJ = –40°C to 125°C
0.25
TJ = 25°C
0.08
Output low voltage
IOUT = 20 mA (sink)
V
TJ = –40°C to 125°C
0.2
Rise time
CLOAD = 1 nF, TJ = 25°C
40
ns
Fall time
CLOAD = 1 nF, TJ = 25°C
20
ns
Peak source current
VSR = 0, VVCC = 10 V, TJ = 25°C
0.5
A
Peak sink current
VSR = VVCC, VVCC = 10 V, TJ = 25°C
0.5
A
RDLY = 10 kΩ, TJ = 25°C
40
Dead time, SR1 falling to
TJ = 25°C
100
T1
HO rising, SR2 falling to
RDLY = 27.4 kΩ
ns
TJ = –40°C to 125°C
75
125
LO rising
RDLY = 100 kΩ, TJ = 25°C
300
RDLY = 10 kΩ, TJ = 25°C
20
Dead time, HO falling to
TJ = 25°C
45
T2
SR1 rising, LO falling to
RDLY = 27.4 kΩ
ns
TJ = –40°C to 125°C
30
65
SR2 rising
RDLY = 100 kΩ, TJ = 25°C
140
THERMAL SHUTDOWN
TSD
Shutdown temperature
TJ = 25°C
165
°C
Hysteresis
TJ = 25°C
20
°C
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com