Electronic Components Datasheet Search
  English  ▼

X  

LM5035 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5035
Description  LM5035 PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035 Datasheet(HTML) 1 Page - Texas Instruments

  LM5035 Datasheet HTML 1Page - Texas Instruments LM5035 Datasheet HTML 2Page - Texas Instruments LM5035 Datasheet HTML 3Page - Texas Instruments LM5035 Datasheet HTML 4Page - Texas Instruments LM5035 Datasheet HTML 5Page - Texas Instruments LM5035 Datasheet HTML 6Page - Texas Instruments LM5035 Datasheet HTML 7Page - Texas Instruments LM5035 Datasheet HTML 8Page - Texas Instruments LM5035 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LM5035
UVLO
AGND
PGND
COMP
HO
LO
SS
RT
RAMP
VIN
OVP
SR1
SR2
VPWR
Error Amplifier
and Isolation
VOUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM5035
SNVS428H – JANUARY 2006 – REVISED OCTOBER 2015
LM5035 PWM Controller With Integrated Half-Bridge and SyncFET Drivers
1 Features
3 Description
The
LM5035
half-bridge
controller-gate
driver
1
•
105-V, 2-A Half-Bridge Gate Drivers
contains all of the features necessary to implement
•
Synchronous Rectifier-Control Outputs With
half-bridge topology power converters using voltage
Programmable Delays
mode control with line voltage feedforward. The
•
High-Voltage (105-V) Start-up Regulator
floating high-side gate driver is capable of operating
with supply voltages up to 105 V. Both the high-side
•
Voltage Mode Control With Line Feedforward and
and low-side gate drivers are capable of 2-A peak. An
Volt-Second Limiting
internal high voltage start-up regulator is included,
•
Resistor Programmed, 2-MHz Capable Oscillator
along with programmable line undervoltage lockout
•
Patent Pending Oscillator Synchronization
(UVLO) and overvoltage protection (OVP). The
oscillator is programmed with a single resistor to
•
Programmable Line Undervoltage Lockout
frequencies up to 2 MHz. The oscillator can also be
•
Line Overvoltage Protection
synchronized to an external clock. A current sense
•
Internal Thermal Shutdown Protection
input and a programmable timer provide cycle-by-
cycle current limit and adjustable hiccup mode
•
Adjustable Soft-Start
overload protection.
•
Versatile Dual Mode Overcurrent Protection With
Hiccup Delay Timer
Device Information(1)
•
Cycle-by-Cycle Overcurrent Protection
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Direct Optocoupler Interface
HTSSOP
6.50 mm × 4.40 mm
PowerPAD™ (20)
•
5-V Reference Output
LM5035
WQFN (24)
5.00 mm × 4.00 mm
2 Applications
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
•
Industrial Power Converters
•
Telecom Power Converters
Simplied Application Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM5035

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5035 NSC-LM5035 Datasheet
922Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5035 TI-LM5035 Datasheet
1Mb / 39P
PWM Controller With Integrated Half-Bridge and SyncFET Drivers
LM5035 TI2-LM5035 Datasheet
933Kb / 37P
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
REVISED APRIL 2013
LM5035 TI2-LM5035 Datasheet
1Mb / 43P
LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
REVISED OCTOBER 2016
logo
National Semiconductor ...
LM5035A NSC-LM5035A Datasheet
601Kb / 30P
PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
More results

Similar Description - LM5035

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5035 NSC-LM5035 Datasheet
922Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035B NSC-LM5035B Datasheet
553Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035A NSC-LM5035A Datasheet
601Kb / 30P
PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
LM5035C NSC-LM5035C Datasheet
552Kb / 28P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5035B TI-LM5035B Datasheet
1Mb / 36P
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035A TI1-LM5035A_14 Datasheet
1Mb / 38P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035 TI-LM5035_15 Datasheet
1Mb / 39P
PWM Controller With Integrated Half-Bridge and SyncFET Drivers
LM5035A TI-LM5035A_15 Datasheet
1Mb / 40P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035B TI-LM5035B_15 Datasheet
1Mb / 36P
LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035C TI-LM5035C_15 Datasheet
1Mb / 35P
PWM Controller with Integrated Half-Bridge and SyncFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com