Electronic Components Datasheet Search
  English  ▼

X  

LM5035 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5035
Description  LM5035 PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035 Datasheet(HTML) 3 Page - Texas Instruments

  LM5035 Datasheet HTML 1Page - Texas Instruments LM5035 Datasheet HTML 2Page - Texas Instruments LM5035 Datasheet HTML 3Page - Texas Instruments LM5035 Datasheet HTML 4Page - Texas Instruments LM5035 Datasheet HTML 5Page - Texas Instruments LM5035 Datasheet HTML 6Page - Texas Instruments LM5035 Datasheet HTML 7Page - Texas Instruments LM5035 Datasheet HTML 8Page - Texas Instruments LM5035 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
CS
NC
AGND
RT
COMP
OVP
SS
HO
LO
PGND
VCC
SR1
SR2
REF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
EP
RAMP
CS
AGND
RT
COMP
OVP
UVLO
RES
DLY
SS
HB
HS
HO
LO
PGND
VCC
SR2
SR1
REF
VIN
1
2
3
4
5
6
7
13
14
15
16
17
18
19
8
9
10
12
11
20
EP
13
LM5035
www.ti.com
SNVS428H – JANUARY 2006 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
PWP Package
NHZ Package
20-Pin HTSSOP With PowerPAD
24-Pin WQFN
Top View
Top View
Pin Functions
PIN
NO.
TYPE
DESCRIPTION
APPLICATION INFORMATION
NAME
HTSSOP
WQFN
AGND
6
5
GND
Analog ground
Connect directly to Power Ground.
An external optocoupler connected to the COMP pin sources current into an
internal NPN current mirror. The PWM duty cycle is maximum with zero input
COMP
4
3
I/O
Input to the pulse width modulator
current, while 1mA reduces the duty cycle to zero. The current mirror improves
the frequency response by reducing the AC voltage across the optocoupler
detector.
If CS exceeds 0.25 V, the output pulse will be terminated, entering cycle-by-
CS
7
6
I
Current sense input for current limit
cycle current limit. An internal switch holds CS low for 50 ns after HO or LO
switches high to blank leading edge transients.
Timing programming pin for the LO and HO
An external resistor to ground sets the timing for the nonoverlap time of HO to
DLY
9
8
I
to SR1 and SR2 outputs
SR1 and LO to SR2.
An external diode is required from VCC to HB and an external capacitor is
HB
11
11
I/O
Boost voltage for the HO driver
required from HS to HB to power the HO gate driver.
HO
13
13
O
High side gate drive output
Output of the high side PWM gate driver. Capable of sinking 2-A peak current.
Connection common to the transformer and both power switches. Provides a
HS
12
12
I/O
Switch node
return path for the HO gate driver.
LO
14
14
O
Low side gate drive output
Output of the low side PWM gate driver. Capable of sinking 2-A peak current.
NC
1, 10, 20, 22
—
No connection
No electrical contact.
An external voltage divider from the power source sets the shutdown levels.
OVP
3
2
I
Line overvoltage protection
The threshold is 1.25 V. Hysteresis is set by an internal current source that
sources 23 µA into the external resistor divider.
PGND
15
15
GND
Power ground
Connect directly to Analog Ground.
An external RC circuit from VIN sets the ramp slope. This pin is discharged at
RAMP
1
23
I
Modulator ramp signal
the conclusion of every cycle by an internal FET. Discharge is initiated by either
the internal clock or the Volt Second clamp comparator.
REF
19
19
O
Output of 5-V reference
Maximum output current is 20 mA. Locally decoupled with a 0.1-µF capacitor.
Normally biased at 2 V. An external resistor connected between RT and AGND
Oscillator frequency control and sync clock
sets the internal oscillator frequency. The internal oscillator can be
RT
5
4
I
input
synchronized to an external clock with a frequency higher than the free running
frequency set by the RT resistor.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com