Electronic Components Datasheet Search
  English  ▼

X  

LM5035 Datasheet(PDF) 31 Page - Texas Instruments

Part # LM5035
Description  LM5035 PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM5035 Datasheet HTML 27Page - Texas Instruments LM5035 Datasheet HTML 28Page - Texas Instruments LM5035 Datasheet HTML 29Page - Texas Instruments LM5035 Datasheet HTML 30Page - Texas Instruments LM5035 Datasheet HTML 31Page - Texas Instruments LM5035 Datasheet HTML 32Page - Texas Instruments LM5035 Datasheet HTML 33Page - Texas Instruments LM5035 Datasheet HTML 34Page - Texas Instruments LM5035 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
LM5035
www.ti.com
SNVS428H – JANUARY 2006 – REVISED OCTOBER 2015
VIN = 72 VDC
Trace 1: Q2 drain voltage V/div = 10 V
VIN = 48 VDC
Upper trace: SR1, Q4 gate V/div = 5 V
IOUT = 5 A
Horizontal resolution = 1 µs/div
IOUT = 5 A
Middle trace: HS, Q2 drain V/div = 20 V
Lower trace: SR2, Q6 gate V/div = 5 V
Horizontal resolution = 1 µs/div
Figure 31. Drain Voltage of Q1 With a 5-A Load
Figure 32. Gate Voltages of the Synchronous Rectifiers
9 Power Supply Recommendations
The LM5035 can be used to control power levels up to 500 W; therefore, the current levels can be considerable.
Care must be taken in choosing components with the correct current rating which includes: magnetic
components, power MOSFETS and diodes, connectors, and wire sizes. Input and output capacitors must have
the correct ripple current rating. The use of a multilayer PCB is recommended with a copper area chosen to
ensure the LM5035 operates below the maximum junction temperature.
Full power loading must never be attempted without providing for adequate cooling.
10 Layout
10.1 Layout Guidelines
The LM5035 current sense and PWM comparators are very fast, and they respond to short duration noise
pulses. The components at the CS, COMP, SS, OVP, UVLO, DLY, and the RT pins must be as physically close
to the device as possible, thereby minimizing noise pickup on the PC board tracks.
Layout considerations are critical for the current sense filter. If a current sense transformer is used, both leads of
the transformer secondary must be routed to the sense filter components and to the IC pins. The ground side of
the transformer must be connected through a dedicated PC board track to the AGND pin rather than through the
ground plane.
If the current sense circuit employs a sense resistor in the drive transistor source, low inductance resistors must
be used. In this case, all the noise sensitive, low-current ground tracks must be connected in common near the
device, and then a single connection made to the power ground (sense resistor ground point).
The gate drive outputs of the LM5035 must have short, direct paths to the power MOSFETs to minimize
inductance in the PC board traces. The SR control outputs must also have minimum routing distance through the
pulse transformers and through the secondary gate drivers to the sync FETs.
The two ground pins (AGND, PGND) must be connected together with a short, direct connection, to avoid jitter
due to relative ground bounce.
If the internal dissipation of the LM5035 produces high junction temperatures during normal operation, the use of
multiple vias under the IC to a ground plane can help conduct heat away from the IC. Judicious positioning of the
PC board within the end product, along with use of any available air flow (forced or natural convection) will help
reduce the junction temperatures. If using forced air cooling, avoid placing the LM5035 in the airflow shadow of
tall components, such as input capacitors.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LM5035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com