Electronic Components Datasheet Search
  English  ▼

X  

LM5035 Datasheet(PDF) 28 Page - Texas Instruments

Part # LM5035
Description  LM5035 PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM5035 Datasheet HTML 24Page - Texas Instruments LM5035 Datasheet HTML 25Page - Texas Instruments LM5035 Datasheet HTML 26Page - Texas Instruments LM5035 Datasheet HTML 27Page - Texas Instruments LM5035 Datasheet HTML 28Page - Texas Instruments LM5035 Datasheet HTML 29Page - Texas Instruments LM5035 Datasheet HTML 30Page - Texas Instruments LM5035 Datasheet HTML 31Page - Texas Instruments LM5035 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
OVP
LM5035
STANDBY
NTC
THERMISTOR
T
R2
R1
1.25V
5V
23 2A
VREF
OVP
LM5035
STANDBY
R2
100k
Q1
R1
2k
VREF
VOUT
5V
1.25V
23 2A
LM5035
SNVS428H – JANUARY 2006 – REVISED OCTOBER 2015
www.ti.com
Remote configuration of the operational modes of the controller can be accomplished with open drain devices
connected to the UVLO pin as shown in Figure 23.
8.2.2.7 Fault Protection
The overvoltage protection (OVP) comparator of the LM5035 can be configured for line or load fault protection or
thermal protection using an external temperature sensor or thermistor. Figure 21 shows a line over voltage
shutdown application using a voltage divider between the input power supply, VPWR, and AGND to monitor the
line voltage.
Figure 24 demonstrates the use of the OVP pin for latched output overvoltage fault protection, using a zener and
optocoupler. When VOUT exceeds the conduction threshold of the optocoupler diode and zener, the optocoupler
momentarily turns on Q1 and the LM5035 enters standby mode, disabling the drivers and enabling the hysteresis
current source on the OVP pin. When the current source is enabled, the OVP voltage will remain at 2.3 V (23 µA
× 100 k
Ω) without additional drive from the external circuit. If the optocoupler transistor emitter were directly
connected to the OVP pin, then leakage current in the zener diode amplified by the gain of the optocoupler could
falsely trip the protection latch. R1 and Q1 are added reduce the sensitivity to low level currents in the
optocoupler. Using the values of Figure 24, the optocoupler collector current must equal VBE(Q1) / R1 = 350 µA
before OVP latches. Once the controller has switched to standby mode, the outputs no longer switch but the
VCC and REF regulators continue functioning and supply bias to the external circuitry. VCC must fall below 6.2 V
or the UVLO pin must fall below 0.4 V to clear the OVP latch.
Figure 24. Latched Load Overvoltage Protection
Figure 25 shows an application of the OVP comparator for Remote Thermal Protection using a thermistor (or
multiple thermistors) which may be located near the main heat sources of the power supply. The negative
temperature coefficient (NTC) thermistor is nearly logarithmic, and in this example a 100k
Ω thermistor with the β
material constant of 4500 kelvins changes to approximately 2 k
Ω at 130°C. Setting R1 to one-third of this
resistance (665
Ω) establishes 130°C as the desired trip point (for VREF = 5 V). In a temperature band from 20°C
below to 20°C above the OVP threshold, the voltage divider is nearly linear with 25 mV per°C sensitivity.
R2 provides temperature hysteresis by raising the OVP comparator input by R2 × 23 µA. For example, if a 22-k
Ω
resistor is selected for R2, then the OVP pin voltage will increase by 22 k
Ω × 23 µA = 506 mV. The NTC
temperature must therefore fall by 506 mV / 25 mV per°C = 20°C before the LM5035 switches from the standby
mode to the normal mode.
Figure 25. Remote Thermal Protection
28
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM5035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com