Electronic Components Datasheet Search
  English  ▼

X  

LM5035 Datasheet(PDF) 29 Page - Texas Instruments

Part # LM5035
Description  LM5035 PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM5035 Datasheet HTML 25Page - Texas Instruments LM5035 Datasheet HTML 26Page - Texas Instruments LM5035 Datasheet HTML 27Page - Texas Instruments LM5035 Datasheet HTML 28Page - Texas Instruments LM5035 Datasheet HTML 29Page - Texas Instruments LM5035 Datasheet HTML 30Page - Texas Instruments LM5035 Datasheet HTML 31Page - Texas Instruments LM5035 Datasheet HTML 32Page - Texas Instruments LM5035 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
t3 =
CSS x 4V
55 PA
= 73 k: x CSS
t2 =
CSS x 1V
1 PA
= 1 M: x CSS
t1 =
CRES x 2.5V
22 PA
= 114 k: x CRES
RES
SS
LO
HO
5V
t1
Current Limit Detected
at CS
2.5V
0V
+55 2A
+1 2A
t2
t3
1V
LM5035
www.ti.com
SNVS428H – JANUARY 2006 – REVISED OCTOBER 2015
8.2.2.8 HICCUP Mode Current-Limit Restart (RES)
The basic operation of the hiccup mode current limit restart is described in the functional description. The delay
time to restart is programmed with the selection of the RES pin capacitor CRES as shown in Figure 25.
Figure 26. Hiccup Overload Restart Timing
In the case of continuous cycle-by-cycle current-limit detection at the CS pin, refer to Figure 26 and use
Equation 17 to calculate the time required for CRES to reach the 2.5-V hiccup mode threshold.
(17)
For example, if CRES = 0.01 µF the time, t1, is approximately 1.14 ms.
The cool down time, t2 is set by the soft-start capacitor (CSS) and the internal 1-µA SS current source. Use
Equation 18 to calculate the value of t2.
(18)
If CSS = 0.01 µF, the value of t2 is ≊ 10 ms.
The soft-start time t3 is set by the internal 55-µA current source. Use Equation 19 to calculate the value of t3.
(19)
If CSS = 0.01 µF, the value of t3 is ≊ 730 µs.
The time t2 provides a periodic cool-down time for the power converter in the event of a sustained overload or
short circuit. This off time results in lower average input current and lower power dissipation within the power
components. It is recommended that the ratio of t2 / (t1 + t3) be in the range of 5 to 10 to take advantage of this
feature.
If the application requires no delay from the first detection of a current limit condition to the onset of the hiccup
mode (t1 = 0), the RES pin can be left open (no external capacitor). If it is desired to disable the hiccup mode
entirely, the RES pin must be connected to ground (AGND).
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM5035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com