Electronic Components Datasheet Search
  English  ▼

X  

LM5035 Datasheet(PDF) 30 Page - Texas Instruments

Part # LM5035
Description  LM5035 PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM5035 Datasheet HTML 26Page - Texas Instruments LM5035 Datasheet HTML 27Page - Texas Instruments LM5035 Datasheet HTML 28Page - Texas Instruments LM5035 Datasheet HTML 29Page - Texas Instruments LM5035 Datasheet HTML 30Page - Texas Instruments LM5035 Datasheet HTML 31Page - Texas Instruments LM5035 Datasheet HTML 32Page - Texas Instruments LM5035 Datasheet HTML 33Page - Texas Instruments LM5035 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
LM5035
SNVS428H – JANUARY 2006 – REVISED OCTOBER 2015
www.ti.com
8.2.3 Application Curves
Figure 29 shows typical output ripple seen across the output terminals (with standard 10-µF and 1-µF ceramic
capacitors) for an input voltage of 48 V and a load of 30 A. This waveform is typical of most loads and input
voltages.
Figure 30 and Figure 31 show the drain voltage of Q1 with a 5-A load. Figure 30 represents an input voltage of
36 V and Figure 29 represents an input voltage of 72 V.
Figure 32 shows the gate voltages of the synchronous rectifiers. The dead time provided by the 20-k
Ω DLY
resistor is difficult to see at this timescale.
VIN = 48 VDC
Horizontal resolution = 0.5 ms/div
VIN = 48 VDC
Horizontal resolution = 0.5 ms/div
IOUT = 5 A
Trace 1: output voltage V/div = 500 mV
IOUT = 15 A to 22.5 A
Upper trace: VOUT V/div = 50 mV
Lower trace: IOUT = 15 A to 22.5 A to 15 A
Figure 27. Output Voltage During a Typical Start-Up
Figure 28. Transient Response for a Load Change
From 15 A to 22.5 A
VIN = 48 VDC
Trace 1: output ripple voltage V/div = 20 mV
VIN = 36 VDC
Trace 1: Q1 drain voltage V/div = 10 V
IOUT = 30 A
Horizontal resolution = 1 µs/div
IOUT = 5 A
Horizontal resolution = 1 µs/div
Bandwidth limit = 20 MHz
Figure 30. Drain Voltage of Q1 With a 5-A Load
Figure 29. Typical Output Ripple Across the Output
Terminals
30
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM5035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com