Electronic Components Datasheet Search
  English  ▼

X  

LM5035 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM5035
Description  LM5035 PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5035 Datasheet HTML 10Page - Texas Instruments LM5035 Datasheet HTML 11Page - Texas Instruments LM5035 Datasheet HTML 12Page - Texas Instruments LM5035 Datasheet HTML 13Page - Texas Instruments LM5035 Datasheet HTML 14Page - Texas Instruments LM5035 Datasheet HTML 15Page - Texas Instruments LM5035 Datasheet HTML 16Page - Texas Instruments LM5035 Datasheet HTML 17Page - Texas Instruments LM5035 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
RES
SS
LO
HO
5V
t1
Current Limit Detected
at CS
2.5V
0V
+55 2A
+1 2A
t2
t3
1V
CLK
Q
S
R
Drivers Off
SS
PWM
COMP
CS
RES
LM5035
SS
Drivers Off
Voltage
Feedback
Current
Sense
Circuit
CRES
Restart
Comparator
Restart
Latch
2.5V
5V
Restart
Current
Source
Logic
SS
Logic
To Output
Drivers
Current
Limit
0.25V
CSS
Soft-start
100 mV
55 2A
55 2A
1 2A
22 2A
12 2A
LM5035
SNVS428H – JANUARY 2006 – REVISED OCTOBER 2015
www.ti.com
Feature Description (continued)
The overload-timer function is very versatile and can be configured for the following modes of protection:
Cycle-by-cycle only The hiccup mode can be completely disabled by connecting a zero to 50-k
Ω resistor from
the RES pin to AGND. In this configuration, the cycle-by-cycle protection will limit the output current
indefinitely and no hiccup sequences will occur.
Hiccup only The timer can be configured for immediate activation of a hiccup sequence upon detection of an
overload by leaving the RES pin open circuit.
Delayed Hiccup Connecting a capacitor to the RES pin provides a programmed interval of cycle-by-cycle
limiting before initiating a hiccup mode restart, as previously described. The dual advantages of this
configuration are that a short term overload will not cause a hiccup mode restart but during
extended overload conditions, the average dissipation of the power converter will be very low.
Externally Controlled Hiccup The RES pin can also be used as an input. By externally driving the pin to a level
greater than the 2.5-V hiccup threshold, the controller will be forced into the delayed restart
sequence. For example, the external trigger for a delayed restart sequence could come from an
overtemperature protection circuit or an output overvoltage sensor.
Figure 11. Current-Limit Restart Circuit
Figure 12. Current-Limit Restart Timing
14
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM5035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com