Electronic Components Datasheet Search
  English  ▼

X  

LM5035 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5035
Description  LM5035 PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5035 Datasheet HTML 2Page - Texas Instruments LM5035 Datasheet HTML 3Page - Texas Instruments LM5035 Datasheet HTML 4Page - Texas Instruments LM5035 Datasheet HTML 5Page - Texas Instruments LM5035 Datasheet HTML 6Page - Texas Instruments LM5035 Datasheet HTML 7Page - Texas Instruments LM5035 Datasheet HTML 8Page - Texas Instruments LM5035 Datasheet HTML 9Page - Texas Instruments LM5035 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LM5035
SNVS428H – JANUARY 2006 – REVISED OCTOBER 2015
www.ti.com
Electrical Characteristics (continued)
VVIN = 48 V, VVCC = 10 V externally applied, RRT = 15.0 kΩ, RDLY = 27.4 kΩ, VUVLO = 3 V, VOVP = 0 V unless otherwise
stated
(1)(2).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UVLO AND SHUTDOWN (UVLO PIN)
TJ = 25°C
1.25
VUVLO
Undervoltage threshold
V
TJ = –40°C to 125°C
1.212
1.288
TJ = 25°C
23
IUVLO
Hysteresis current
UVLO pin sinking
µA
TJ = –40°C to 125°C
19
27
Undervoltage shutdown
UVLO voltage falling, TJ = 25°C
0.3
V
threshold
Undervoltage standby
UVLO voltage rising, TJ = 25°C
0.4
V
enable threshold
OVERVOLTAGE PROTECTION (OVP PIN)
TJ = 25°C
1.25
VOVP
Overvoltage threshold
V
TJ = –40°C to 125°C
1.212
1.288
TJ = 25°C
23
IOVP
Hysteresis current
OVP pin sourcing
µA
TJ = –40°C to 125°C
19
27
CURRENT SENSE INPUT (CS PIN)
TJ = 25°C
0.25
VCS
Current limit threshold
V
TJ = –40°C to 125°C
0.228
0.272
TJ = 25°C, CS from zero to 1 V, Time for HO and LO to
CS delay to output
80
ns
fall to 90% of VCC Output load = 0 pF
Leading edge blanking time
TJ = 25°C
50
ns
at CS
TJ = 25°C
32
CS sink impedance
Internal FET sink
Ω
(clocked)
impedance
TJ = –40°C to 125°C
60
CURRENT LIMIT RESTART (RES PIN)
TJ = 25°C
2.5
VRES
RES threshold
V
TJ = –40°C to 125°C
2.4
2.6
TJ = 25°C
22
Charge source current
VRES = 1.5 V
µA
TJ = –40°C to 125°C
16
28
TJ = 25°C
12
Discharge sink current
VRES = 1 V
µA
TJ = –40°C to 125°C
8
16
SOFT-START (SS PIN)
TJ = 25°C
55
Charging current in normal
ISS
VSS = 0
µA
operation
TJ = –40°C to 125°C
40
70
TJ = 25°C
1.2
Charging current during a
VSS = 0
µA
hiccup mode restart
TJ = –40°C to 125°C
0.6
1.8
TJ = 25°C
55
Soft-stop current sink
VSS = 2.5 V
µA
TJ = –40°C to 125°C
40
70
OSCILLATOR (RT PIN)
TJ = 25°C
185
200
215
Frequency 1 (at HO, half
FSW1
RRT = 15 kΩ,
kHz
oscillator frequency)
TJ = –40°C to 125°C
180
220
TJ = 25°C
500
Frequency 2 (at HO, half
FSW2
RRT = 5.49 kΩ
kHz
oscillator frequency)
TJ = –40°C to 125°C
430
570
DC level
TJ = 25°C
2
V
TJ = 25°C
3
Input Sync threshold
V
TJ = –40°C to 125°C
2.5
3.4
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM5035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com