Electronic Components Datasheet Search
  English  ▼

X  

CDC706 Datasheet(PDF) 6 Page - Texas Instruments

Part # CDC706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC706 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDC706 Datasheet HTML 2Page - Texas Instruments CDC706 Datasheet HTML 3Page - Texas Instruments CDC706 Datasheet HTML 4Page - Texas Instruments CDC706 Datasheet HTML 5Page - Texas Instruments CDC706 Datasheet HTML 6Page - Texas Instruments CDC706 Datasheet HTML 7Page - Texas Instruments CDC706 Datasheet HTML 8Page - Texas Instruments CDC706 Datasheet HTML 9Page - Texas Instruments CDC706 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Not Recommended for New Designs
CDC706
SCAS829B – SEPTEMBER 2006 – REVISED FEBRUARY 2008...................................................................................................................................... www.ti.com
DEVICE CHARACTERISTICS
over recommended operating free-air temperature range and test load (unless otherwise noted), see Figure 1
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
OVERALL PARAMETER
All PLLs on, all outputs on,
ICC
Supply current (2)
fOUT = 80 MHz, fCLK_IN = 27 MHz,
90
115
mA
f(VCO) = 160 MHz
Power down current. Every circuit
ICCPD
fIN = 0 MHz, VCC = 3.6 V
50
μA
powered down except SMBus
Supply voltage VCC threshold for
V(PUC)
2.1
V
power up control circuit
All PLLs
80
200
Normal speed-mode(3)
VCO frequency of internal PLL (any
f(VCO)
PLL2 with SSC
80
167
MHz
of three PLLs)
High-speed mode(3)
180
300
VCC = 2.5 V
250
LVCMOS output frequency range(4),
fOUT
MHz
See Figure 4
VCC = 3.3 V
300
LVCMOS PARAMETER
V(IK)
LVCMOS input voltage
VCC = 3 V, II = –18 mA
–1.2
V
LVCMOS input current (CLK_IN0 and
II
VI = 0 V or VCC, VCC = 3.6 V
±5
μA
CLK_IN1)
IIH
LVCMOS input current (S1/S0)
VI = VCC, VCC = 3.6 V
5
μA
IIL
LVCMOS input current (S1/S0)
VI = 0 V, VCC = 3.6 V
-35
-10
μA
Input capacitance at CLK_IN0 and
CI
VI = 0 V or VCC
3
pF
CLK_IN1
LVCMOS PARAMETER FOR VCCOUT = 3.3-V Mode
VCCOUT = 3 V, IOH = –0.1 mA
2.9
VOH
LVCMOS high-level output voltage
VCCOUT = 3 V, IOH = –4 mA
2.4
V
VCCOUT = 3 V, IOH = –6 mA
2.1
VCCOUT = 3 V, IOL = 0.1 mA
0.1
VOL
LVCMOS low-level output voltage
VCCOUT = 3 V, IOL = 4 mA
0.5
V
VCCOUT = 3 V, IOL = 6 mA
0.85
All PLL bypass
9
tPLH,
Propagation delay
ns
tPHL
VCO bypass
11
Rise and fall time for output
tr0/tf0
VCCOUT = 3.3 V (20%–80%)
1.7
3.3
4.8
ns
slew rate 0
Rise and fall time for output
tr1/tf1
VCCOUT = 3.3 V (20%–80%)
1.5
2.5
3.2
ns
slew rate 1
Rise and fall time for output
tr2/tf2
VCCOUT = 3.3 V (20%–80%)
1.2
1.6
2.1
ns
slew rate 2
Rise and fall time for output
tr3/tf3
VCCOUT = 3.3 V (20%–80%)
0.4
0.6
1
ns
slew rate 3 (default configuration)
fOUT = 50 MHz
55
90
1 PLL, 1 Output
fOUT = 245.76 MHz
45
80
tjit(cc)
Cycle-to-cycle jitter (5) (6)
ps
fOUT = 50 MHz
125
155
3 PLLs, 3 Outputs
fOUT = 245.76 MHz
60
95
(1)
All typical values are at respective nominal VCC.
(2)
For calculating total supply current, add the current from Figure 2 , Figure 3 , and Figure 4 . Using high-speed mode of the VCO reduces
the current consumption. See Figure 3 .
(3)
Normal-speed mode or high-speed mode must be selected by the VCO frequency selection bit in Byte 6, Bit [7:5]. The min f(VCO) can be
lower but impacts jitter-performance.
(4)
Do not exceed the maximum power dissipation of the 20-pin TSSOP package (600 mW at no air flow). See Figure 5
(5)
50000 cycles.
(6)
Jitter depends on configuration. Jitter data is normal tr/tf, input frequency = 3.84 MHz, f(VCO) = 245.76 MHz.
6
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): CDC706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com